Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LD Datasheet(PDF) 23 Page - SPANSION

Part # MB91F587LD
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LD Datasheet(HTML) 23 Page - SPANSION

Back Button MB91F587LD Datasheet HTML 19Page - SPANSION MB91F587LD Datasheet HTML 20Page - SPANSION MB91F587LD Datasheet HTML 21Page - SPANSION MB91F587LD Datasheet HTML 22Page - SPANSION MB91F587LD Datasheet HTML 23Page - SPANSION MB91F587LD Datasheet HTML 24Page - SPANSION MB91F587LD Datasheet HTML 25Page - SPANSION MB91F587LD Datasheet HTML 26Page - SPANSION MB91F587LD Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 177 page
background image
D at aS h ee t
20
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
Pin No.
Pin name
I/O circuit
type*1
Function
27
P044
P
General-purpose I/O port
A14
External bus address bit14 output pin
DAOUT
DAC analog output pin
28
P045
D
General-purpose I/O port
A15
External bus address bit15 output pin
29
P046
D
General-purpose I/O port
A16
External bus address bit16 output pin
30
P047
D
General-purpose I/O port
A17
External bus address bit17 output pin
31
P050
D
General-purpose I/O port
A18
External bus address bit18 output pin
32
P051
D
General-purpose I/O port
A19
External bus address bit19 output pin
33
P052
D
General-purpose I/O port
A20
External bus address bit20 output pin
34
P053
D
General-purpose I/O port
A21
External bus address bit21 output pin
35
P054
D
General-purpose I/O port
SYSCLK
External bus system clock output pin
38
P055
D
General-purpose I/O port
CS2X
External bus chip select 2 output pin
39
P056
D
General-purpose I/O port
CS3X
External bus chip select 3 output pin
41
P057
D
General-purpose I/O port
RDY
External bus ready input pin
44
P060
D
General-purpose I/O port
MM
Clock supervisor main clock missing output pin
45
P061
D
General-purpose I/O port
IN6
16-bit input capture ch.6 external pulse input pin
46
P062
D
General-purpose I/O port
FRCK0
Free-run timer ch.0 external clock input pin
SCS40
Multi-function serial ch.4 serial chip select 0 I/O pin
47
P063
D
General-purpose I/O port
FRCK1
Free-run timer ch.1 external clock input pin
SCS41
Multi-function serial ch.4 serial chip select 1 output pin
48
P064
D
General-purpose I/O port
FRCK2
Free-run timer ch.2 external clock input pin
SCS42
Multi-function serial ch.4 serial chip select 2 output pin
49
P065
D
General-purpose I/O port
FRCK3
Free-run timer ch.3 external clock input pin
SCS43
Multi-function serial ch.4 serial chip select 3 output pin
50
P066
D
General-purpose I/O port
FRCK4
Free-run timer ch.4 external clock input pin
SCS3
Multi-function serial ch.3 serial chip select I/O pin
51
P067
D
General-purpose I/O port
FRCK5
Free-run timer ch.5 external clock input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com