Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LD Datasheet(PDF) 5 Page - SPANSION

Part # MB91F587LD
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LD Datasheet(HTML) 5 Page - SPANSION

  MB91F587LD Datasheet HTML 1Page - SPANSION MB91F587LD Datasheet HTML 2Page - SPANSION MB91F587LD Datasheet HTML 3Page - SPANSION MB91F587LD Datasheet HTML 4Page - SPANSION MB91F587LD Datasheet HTML 5Page - SPANSION MB91F587LD Datasheet HTML 6Page - SPANSION MB91F587LD Datasheet HTML 7Page - SPANSION MB91F587LD Datasheet HTML 8Page - SPANSION MB91F587LD Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 177 page
background image
D at aS h ee t
2
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
•
Interrupt (PC/PS saving)
6 cycles (16 priority levels)
•
The Harvard architecture allows simultaneous execution of program and data access.
•
Instruction compatibility with the FR family
•
Built-in memory protection function (MPU)
•
Eight protection areas can be specified commonly for instructions and data.
•
Control access privilege in both privilege mode and user mode
•
Built-in FPU (floating-point operation)
•
IEEE754 compliant
•
Floating-point register: 32 bits × 16 sets
•
Peripheral Functions
•
Clock generation (SSCG function is available)
•
Main oscillation (4 to 20 MHz)
•
PLL multiplication rate:1 to 32 times
•
CR oscillation
•
Oscillation frequency: 100kHz, with frequency accuracy ± 50% (pre-trimming)
•
Trimming is enabled
•
To be used as a count clock of hardware watchdog
•
MB91F585LC/F586LC/F587LC/F585LD/F586LD/F587LD: Oscillation stop feature during stand-by
is not available
•
MB91F585LA/F586LA/F587LA/F585LB/F586LB/F587LB: Oscillation stop feature during stand-by
is available
•
Built-in program flash memory capacity
MB91F585L: 512+64 Kbytes
MB91F586L: 768+64 Kbytes
MB91F587L: 1024+64 Kbytes
•
Built-in data flash (WorkFlash) 64 Kbytes
•
Built-in RAM capacity
•
Main RAM
MB91F585L: 48 Kbytes
MB91F586L: 64 Kbytes
MB91F587L: 96 Kbytes
•
Backup RAM 8 Kbytes
•
General-purpose ports:
MB91F585LA/F586LA/F587LA/F585LC/F586LC/F587LC 98 ports
MB91F585LB/F586LB/F587LB/F585LD/F586LD/F587LD 111 ports
•
Including eight I2C pseudo open drain corresponding ports
•
External bus interface (MB91F585LB/F586LB/F587LB/F585LD/F586LD/F587LD)
•
Maximum operating frequency: 40MHz
•
22-bit address, 16-bit data
•
DMA controller
•
Up to 8 channels can be started simultaneously.
•
2 transfer factors (Internal peripheral request and software)
•
External interrupt input: 8 channels
Level ("H" / "L") or edge detection (rising or falling) enabled
•
Multi-function serial communication (built-in transmission/reception FIFO memory): 5 channels
< UART (Asynchronous serial interface) >
•
Full-duplex double buffering system, 64-byte transmission FIFO memory, 64-byte reception FIFO
memory
•
Parity or no parity is selectable.
•
Built-in dedicated baud rate generator
•
An external clock can be used as the transfer clock
•
Parity, frame, and overrun error detection functions provided
•
DMA transfer supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com