Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LD Datasheet(PDF) 126 Page - SPANSION

Part # MB91F587LD
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LD Datasheet(HTML) 126 Page - SPANSION

Back Button MB91F587LD Datasheet HTML 122Page - SPANSION MB91F587LD Datasheet HTML 123Page - SPANSION MB91F587LD Datasheet HTML 124Page - SPANSION MB91F587LD Datasheet HTML 125Page - SPANSION MB91F587LD Datasheet HTML 126Page - SPANSION MB91F587LD Datasheet HTML 127Page - SPANSION MB91F587LD Datasheet HTML 128Page - SPANSION MB91F587LD Datasheet HTML 129Page - SPANSION MB91F587LD Datasheet HTML 130Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
123
CONFIDENTIAL
(TA: Recommended operating conditions, Vcc=5.0V±10%, VSS= AVSS=0.0V)
Parameter Symbol Pin
name Conditions
Value
Unit
Remarks
Min Typ Max
Power supply
current
ICCS
VCC5
CPU sleep
FCP=128MHz,
FCPP=32MHz
-
46
68
mA *1, *2, *3, *4
ICCBS
Bus sleep
FCP=128MHz,
FCPP=32MHz
-
31
54
mA *1, *2, *3, *4
ICCT
Clock mode
4MHz source
oscillation
-
1.2
1.8
mA
When using external clock*6
TA=25°C, *1, *2, *3, *4
-
2.7
3.3
mA
When using crystal
TA=25°C, *1, *2, *3, *4
ICCTS
Clock mode
shutdown
4MHz source
oscillation
-
0.7
0.8
mA
When using external clock*6
TA=25°C, *3, *4
-
2.2
2.3
mA
When using crystal
TA=25°C, *3, *4
-
0.3
0.4
mA
When using external clock*6
TA=25°C, *1, *2
-
1.8
1.9
mA
When using crystal
TA=25°C, *1, *2
ICCH
STOP mode
-
1.0
1.6
mA TA=25°C, *3, *4
-
0.6
1.1
mA TA=25°C, *1, *2
ICCHS
STOP mode
shutdown
-
0.5
0.6
mA TA=25°C, *3, *4
-
0.1
0.2
mA TA=25°C, *1, *2
*1: MB91F585LA/F586LA/F587LA
*2: MB91F585LB/F586LB/F587LB
*3: MB91F585LC/F586LC/F587LC
*4: MB91F585LD/F586LD/F587LD
*6: The power supply current is the current value when the external clock is supplied from the X1 pin. Note that
the power supply current value when using the external clock is different from that using the oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com