Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LD Datasheet(PDF) 154 Page - SPANSION

Part # MB91F587LD
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LD Datasheet(HTML) 154 Page - SPANSION

Back Button MB91F587LD Datasheet HTML 150Page - SPANSION MB91F587LD Datasheet HTML 151Page - SPANSION MB91F587LD Datasheet HTML 152Page - SPANSION MB91F587LD Datasheet HTML 153Page - SPANSION MB91F587LD Datasheet HTML 154Page - SPANSION MB91F587LD Datasheet HTML 155Page - SPANSION MB91F587LD Datasheet HTML 156Page - SPANSION MB91F587LD Datasheet HTML 157Page - SPANSION MB91F587LD Datasheet HTML 158Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
151
CONFIDENTIAL
(10) Clock output timing
(TA: Recommended operating conditions, VCC=AVCC=5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol
Pin
name
Conditions
Value
Unit Remarks
Min
Max
Cycle time
tCYC
SYSCLK
-
tCPT
-
ns
SYSCLK ↑
→
SYSCLK ↓
tCHCL
SYSCLK
(1/2 tCYC)- 7 (1/2 tCYC)+ 7
ns
SYSCLK ↓
→
SYSCLK ↑
tCLCH
SYSCLK
(1/2 tCYC)- 7 (1/2 tCYC)+ 7
ns
SYSCLK
VOL=VCC/2
tCYC
tCLCH
tCHCL
VOH=VCC/2
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com