Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LD Datasheet(PDF) 167 Page - SPANSION

Part # MB91F587LD
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LD Datasheet(HTML) 167 Page - SPANSION

Back Button MB91F587LD Datasheet HTML 163Page - SPANSION MB91F587LD Datasheet HTML 164Page - SPANSION MB91F587LD Datasheet HTML 165Page - SPANSION MB91F587LD Datasheet HTML 166Page - SPANSION MB91F587LD Datasheet HTML 167Page - SPANSION MB91F587LD Datasheet HTML 168Page - SPANSION MB91F587LD Datasheet HTML 169Page - SPANSION MB91F587LD Datasheet HTML 170Page - SPANSION MB91F587LD Datasheet HTML 171Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 177 page
background image
D at aS h ee t
164
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
8. R/D Converter
(TA: Recommended operating conditions, VCC = AVCC =5.0V±5%, VSS=AVSS=0.0V)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Excitation
signal
output
Output voltage
(amplitude)
0.4VCC-1%
0.4VCC
0.4VCC+1%
V
Output voltage
(displacement)
-0.4VCC+(VCC/2)
-
0.4VCC+(VCC/2)
V
Output current
-
-
1
mA
Frequency
-
10 or 20
-
kHz
Setting with the
register
Resolver
response
signal*1
Amplitude
AREF2-2.0
-
AREF2+2.0
V
Maximum input
frequency
-
-
24
kHz
Excitation
input
signal*2
Amplitude
0
-
AVCC0
V
More than 2Vp-p
Phase difference
from resolver
detection signal
-45
-
45
°
Angle
output
Angle accuracy
(conversion
accuracy)
-4
-
4
LSB
Variation when
pausing: ±1LSB
Resolution
-
12
-
bit
Output delay
1.1
-
2.1
μs
Angular
velocity
output
Maximum
angular velocity
-
-
4000
rps
When bandwidth
1.8kHz mode
-
-
3000
rps
When bandwidth
600kHz mode
Resolution
-
0.261
-
rps/LSB
Reference
output
voltage
AREF2 output
voltage
AVCC0/2-3%
-
AVCC0/2+3%
V
Operating
characteris
tics
Tracking loop
characteristics
(0dB cross
frequency)
-
-
1.2
kHz
When bandwidth
1.8kHz mode *3
-
-
400
Hz
When bandwidth
600Hz mode *3
Tracking loop
characteristics
(-3dB cross
frequency)
-
-
1.8
kHz
When bandwidth
1.8kHz mode *3
-
-
600
Hz
When bandwidth
600Hz mode *3
Maximum
tracking rate
-
-
4000
rps
When bandwidth
1.8kHz mode
-
-
3000
rps
When bandwidth
600Hz mode
Settling time
(179° step).
-
-
4
ms
When bandwidth
1.8kHz mode
-
-
12
ms
When bandwidth
600Hz mode
Maximum
angular velocity
-
-
1,000,000
rad/s2 When bandwidth
1.8kHz mode
-
-
150,000
rad/s2 When bandwidth
600Hz mode
*1: Corresponding pin: COS_PLUS,COS_MINUS,SIN_PLUS,SIN_MINUS
*2: Corresponding pin: MAG_PLUS,MAG_MINUS
*3: When signal amplitude is nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com