Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LD Datasheet(PDF) 174 Page - SPANSION

Part # MB91F587LD
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LD Datasheet(HTML) 174 Page - SPANSION

Back Button MB91F587LD Datasheet HTML 169Page - SPANSION MB91F587LD Datasheet HTML 170Page - SPANSION MB91F587LD Datasheet HTML 171Page - SPANSION MB91F587LD Datasheet HTML 172Page - SPANSION MB91F587LD Datasheet HTML 173Page - SPANSION MB91F587LD Datasheet HTML 174Page - SPANSION MB91F587LD Datasheet HTML 175Page - SPANSION MB91F587LD Datasheet HTML 176Page - SPANSION MB91F587LD Datasheet HTML 177Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 174 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
171
CONFIDENTIAL
Major Changes
Page
Section
Change Results
Revision 1.0
-
-
Initial release.
Revision 1.1
-
-
Company name and layout design change
Revision 2.0
2
■FEATURES
The feature of CR oscillation is corrected.
Oscillation frequency: 100kHz, with frequency accuracy ± 10%
↓
Oscillation frequency: 100kHz, with frequency accuracy ± 50%
(pre-trimming)
6, 7
■FEATURES
The configuration of Waveform generator is corrected.
1 unit (6 channels) + 1 channel
↓
2 unit (7channels)
28
■I/O CIRCUIT TYPE
The figure of type "L" is corrected.
↓
28, 29
■I/O CIRCUIT TYPE
The specification of "H" level input voltage and "L" level input voltage of
FlexRay is corrected.
FlexRay input (0.65Vcc/0.35Vcc)
↓
FlexRay input (0.7Vcc/0.3Vcc)
39, 40
■MEMORY MAP
The memory map is corrected.
The address of "Reset vector table" and "Interrupt vector table" are added.
62, 63, 64,
97, 98, 99
■I/O MAP
Address: 001504H,001528H, 00154CH, 001570H,
001594H,
The attribution of register is changed.
B,H,W
↓
H,W
62, 97
■I/O MAP
Address:00150CH
The register name is corrected.
STMCR00 → STMCR0
TTL schmitt input
TTL schmitt input
Digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com