Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5890 Datasheet(PDF) 6 Page - Inchange Semiconductor Company Limited

Part # 2SC5890
Description  High Gain Bandwidth Product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5890 Datasheet(HTML) 6 Page - Inchange Semiconductor Company Limited

Back Button 2SC5890 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 10Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
6
isc Silicon NPN RF Transistor
2SC5890
S-PARAMETER
VCE = 3 V, IC = 10 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.635
-75.2
19.73
130.5
0.042
55.9
0.698
-51.2
200
0.524
-115.1
12.64
109.7
0.058
49.5
0.455
-70.6
300
0.483
-138.4
8.86
98.7
0.071
50.6
0.330
-80.4
400
0.462
-152.3
6.82
91.6
0.083
52.8
0.266
-86.8
500
0.454
-162.6
5.51
86.4
0.096
55.2
0.226
-91.9
600
0.448
-170.5
4.63
81.9
0.108
56.8
0.201
-96.3
700
0.451
-176.9
4.01
78.0
0.121
58.2
0.185
-99.5
800
0.448
177.1
3.54
74.2
0.134
59.0
0.175
-103.3
900
0.453
171.7
3.17
71.5
0.149
59.8
0.169
-106.3
1000
0.452
168.6
2.87
68.2
0.162
60.0
0.163
-109.9
1100
0.453
163.6
2.63
65.1
0.176
60.3
0.161
-112.3
1200
0.459
158.8
2.43
62.5
0.190
60.4
0.162
-116.0
1300
0.460
155.4
2.27
59.8
0.204
60.1
0.160
-118.1
1400
0.464
151.8
2.13
57.4
0.218
60.0
0.162
-121.1
1500
0.469
148.8
2.00
54.8
0.232
59.5
0.162
-124.7
1600
0.474
145.5
1.89
52.2
0.246
58.8
0.167
-126.3
1700
0.477
143.0
1.80
49.9
0.260
58.6
0.169
-129.4
1800
0.482
139.0
1.72
47.9
0.274
57.9
0.172
-132.4
1900
0.491
136.7
1.65
45.6
0.288
57.1
0.177
-134.6
2000
0.490
133.2
1.59
43.5
0.302
56.6
0.179
-137.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com