Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5890 Datasheet(PDF) 11 Page - Inchange Semiconductor Company Limited

Part # 2SC5890
Description  High Gain Bandwidth Product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5890 Datasheet(HTML) 11 Page - Inchange Semiconductor Company Limited

Back Button 2SC5890 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 11Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
INCHANGE Semiconductor
isc RF Product Specification
11
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5890
S-PARAMETER
VCE = 5 V, IC = 50 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.392
-125.2
30.12
111.6
0.023
62.6
0.411
-67.0
200
0.380
-153.9
16.44
97.6
0.037
67.6
0.235
-78.0
300
0.379
-167.5
11.03
90.8
0.053
70.8
0.170
-82.6
400
0.380
-175.1
8.33
86.2
0.069
72.1
0.139
-86.5
500
0.381
178.8
6.68
82.5
0.085
72.2
0.121
-89.3
600
0.381
173.2
5.59
79.4
0.100
72.3
0.111
-93.0
700
0.390
168.9
4.82
76.5
0.116
71.7
0.105
-95.3
800
0.389
165.1
4.25
73.5
0.132
71.1
0.102
-98.9
900
0.394
160.4
3.79
71.2
0.148
70.7
0.101
-101.5
1000
0.393
157.7
3.43
68.6
0.163
69.7
0.100
-105.7
1100
0.396
153.6
3.13
66.0
0.178
69.0
0.100
-107.8
1200
0.403
150.0
2.89
63.8
0.193
67.9
0.103
-111.8
1300
0.407
147.4
2.70
61.4
0.209
67.0
0.103
-113.8
1400
0.410
144.0
2.52
59.2
0.223
66.1
0.106
-117.1
1500
0.411
141.2
2.36
57.0
0.238
65.0
0.108
-120.5
1600
0.414
138.5
2.25
54.9
0.253
64.0
0.113
-122.6
1700
0.416
136.4
2.13
52.6
0.267
63.0
0.115
-125.9
1800
0.428
132.5
2.03
50.6
0.281
62.0
0.118
-128.8
1900
0.436
130.7
1.94
48.6
0.295
60.9
0.123
-131.2
2000
0.431
127.3
1.87
46.8
0.309
59.8
0.124
-134.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com