Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5890 Datasheet(PDF) 7 Page - Inchange Semiconductor Company Limited

Part # 2SC5890
Description  High Gain Bandwidth Product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5890 Datasheet(HTML) 7 Page - Inchange Semiconductor Company Limited

Back Button 2SC5890 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 11Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
INCHANGE Semiconductor
isc RF Product Specification
7
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5890
S-PARAMETER
VCE = 3 V, IC = 30 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.449
-118.4
27.19
113.3
0.029
57.1
0.459
-76.8
200
0.431
-150.0
15.04
98.0
0.043
61.4
0.270
-98.5
300
0.429
-165.1
10.09
90.5
0.060
65.3
0.199
-112.0
400
0.428
-174.1
7.63
85.6
0.076
67.0
0.170
-121.5
500
0.430
179.3
6.12
81.7
0.093
67.6
0.152
-129.4
600
0.421
174.0
5.12
78.2
0.110
67.9
0.144
-135.4
700
0.431
169.6
4.42
75.3
0.126
67.8
0.139
-139.6
800
0.428
165.6
3.89
72.2
0.143
67.4
0.138
-144.1
900
0.438
161.3
3.48
69.8
0.160
66.9
0.137
-146.7
1000
0.436
157.8
3.15
66.9
0.176
65.9
0.138
-150.7
1100
0.436
154.0
2.88
64.2
0.193
65.3
0.138
-152.5
1200
0.445
150.5
2.66
62.3
0.209
64.3
0.142
-155.5
1300
0.446
147.5
2.49
59.7
0.225
63.4
0.141
-157.2
1400
0.446
144.6
2.33
57.5
0.240
62.5
0.146
-159.1
1500
0.451
141.6
2.19
55.0
0.256
61.2
0.148
-162.0
1600
0.454
138.6
2.07
53.0
0.272
60.2
0.151
-162.2
1700
0.457
136.2
1.98
50.6
0.287
59.3
0.155
-164.6
1800
0.459
132.6
1.88
49.0
0.301
58.2
0.158
-166.8
1900
0.473
130.7
1.80
46.6
0.317
57.0
0.163
-167.7
2000
0.465
127.4
1.73
44.9
0.331
55.9
0.165
-169.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com