Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5890 Datasheet(PDF) 9 Page - Inchange Semiconductor Company Limited

Part # 2SC5890
Description  High Gain Bandwidth Product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5890 Datasheet(HTML) 9 Page - Inchange Semiconductor Company Limited

Back Button 2SC5890 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5890 Datasheet HTML 11Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
INCHANGE Semiconductor
isc RF Product Specification
9
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5890
S-PARAMETER
VCE = 5 V, IC = 10 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.643
-69.1
20.28
134.6
0.038
60.7
0.719
-40.0
200
0.512
-107.8
13.36
113.9
0.053
54.0
0.485
-55.1
300
0.460
-130.9
9.51
102.7
0.064
54.8
0.362
-61.6
400
0.433
-146.9
7.33
95.6
0.075
57.2
0.295
-64.8
500
0.421
-157.7
5.96
90.2
0.087
59.4
0.256
-66.7
600
0.411
-166.4
5.01
85.6
0.098
61.2
0.230
-68.5
700
0.414
-173.0
4.34
81.7
0.111
62.2
0.212
-70.4
800
0.414
-179.6
3.83
78.0
0.123
63.5
0.200
-72.5
900
0.419
174.3
3.43
75.0
0.136
64.1
0.192
-74.5
1000
0.414
170.8
3.10
71.8
0.149
64.5
0.186
-76.9
1100
0.421
166.3
2.84
68.8
0.161
64.8
0.182
-78.9
1200
0.420
161.3
2.63
66.0
0.175
64.9
0.180
-81.9
1300
0.424
157.6
2.45
63.3
0.188
64.7
0.178
-84.6
1400
0.428
154.2
2.29
61.2
0.201
64.6
0.179
-87.2
1500
0.435
150.5
2.16
58.4
0.214
64.2
0.178
-90.2
1600
0.439
147.4
2.03
56.0
0.227
63.9
0.180
-93.1
1700
0.444
144.2
1.94
53.8
0.240
63.6
0.181
-96.2
1800
0.450
140.1
1.85
51.5
0.254
63.0
0.182
-99.2
1900
0.454
137.5
1.77
49.4
0.267
62.5
0.185
-102.2
2000
0.458
134.0
1.69
47.3
0.281
62.0
0.187
-105.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com