Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB1458 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5USB1458
Description  USB Host Charger Controller supporting BC1.2, YD/T-1591, & Non-standard Protocols
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB1458 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5USB1458 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.pericom.com
P-0.1
07/12/13
PI5USB1458
USB Host Charger Controller IC PI5USB1458A
Electrical Parameters/Characteristics Recommended Operation Conditions
Parameter
Min.
Typ.
Max. Unit
Ambient Operating Temperature
-40
+85
ºC
VDD Power Supply Voltage (measured in respect to GND)
+4.75
+5.25
V
DC Electrical Characteristics (VDD = 5.0V +/- 5%, Ambient Temperature -40 to +85oC)
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
VDD
Operating Voltage
4.75
5.25
V
IDD
Supply Current
VDD = 5.25V
SB/ = Low, SEL = Low
280
400
µA
SB/ = Low, SEL = High
240
380
SB/ = High, SEL = Low
180
300
SB/ = High, SEL = High
160
250
VIH_SB
Input High Voltage for SB/
V
DD = 5V
1.4
V
VIL_SB
Input Low Voltage for SB/
V
DD = 5V
0.4
VIH_SEL
Input High Voltage for SEL
V
DD = 5V
2.6
VIL_SEL
Input Low Voltage for SEL
V
DD = 5V
0.6
IIH_SB
Input High Current for SB/
V
DD = 5.25V, VSB/ = 5.25V
-1
+1
µA
IIL_SB
Input Low Current for SB/
V
DD = 5.25V, VSB/ = 0V
-1
+1
IIH_SEL
Input High Current for SEL
V
DD = 5.25V, VSEL = 5.25V
-1
+1
IIL_SEL
Input Low Current for SEL
V
DD = 5.25V, VSEL = 0V
-1
+1
VOH for INT/
Output high voltage for INT/ PI5USB1458ZAE only, IOH=-4mA
4.0
V
VOL for INT
Output low voltage for INT
PI5USB1458AZAE only, IOL= 4mA
0.25
V
Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested)
All Inputs and Outputs ..................................-0.5V to VDD +0.5V
Storage temperature.................................................. -65 to +150ºC
Ambient Operating Temperature............................. -40 to +85ºC
Supply Voltage to Ground Potential (VDD) ......................... +5.5V
Junction Temperature ..........................................................+150ºC
Soldering Temperature (Max of 10 seconds) ....................+260ºC
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
13-0030



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com