Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB1458 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5USB1458
Description  USB Host Charger Controller supporting BC1.2, YD/T-1591, & Non-standard Protocols
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB1458 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5USB1458 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.pericom.com
P-0.1
07/12/13
PI5USB1458
USB Host Charger Controller IC PI5USB1458A
Pin Description
P5USB1458 PI5USB1458A
Pin
Name
I/O
Type
Description
1
N/A
INT/
O
p-mosfet open source output. When SB/ observes a logic
change (from H to L or from L to H). INT/ is high for ~
2.4 seconds, otherwise INT/ is hi-z. External pull-down
is required.
N/A
1
INT
O
n-mosfet open drain output. When SB/ observes a logic
change (from H to L or from L to H). INT is LOW for ~
2.4 seconds, otherwise, INT is hi-z. External pull-up is
required.
2
2
D-
I/O
USB Connector, D- connection
3
3
D+
I/O
USB Connector, D+ connection
4
4
SEL
I
Input control logic (See truth table), 100kW pull down
5
5
VDD
Power
5V power supply
6
6
Y+
I/O
Host USB transceiver (if existent) D+ connection
7
7
Y-
I/O
Host USB transceiver (if existent) D- connection
8
8
SB/
I
Control input to switch between S0 charging or sleep
and charge
*
*
GND
Ground Exposed Pad. Connect to ground.
SB/
SEL
Feature
pin 1 role (INT
or INT/)
0
0 or 1
Auto dedicated charger with mouse/keyboard pass through
INT or INT/
1
0
S0 charging with SDP only
INT or INT/
1
1
S0 charging with CDP or SDP only (depending on external device)
INT or INT/
PI5USB1458 and PI5USB1458A Truth Table
GND
*
4
1 2 3
5
8 7 6
GND
*
4
1 2 3
5
8 7 6
PI5USB1458A pinout
PI5USB1458 pinout
Pin Configuration (Top View)
13-0030



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com