Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB1458 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5USB1458
Description  USB Host Charger Controller supporting BC1.2, YD/T-1591, & Non-standard Protocols
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB1458 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5USB1458 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.pericom.com
P-0.1
07/12/13
PI5USB1458
USB Host Charger Controller IC PI5USB1458A
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
RON
Switch On-Resistance for
USB 2.0 HS signal (From D±
to Y± )
VDD = 4.75V, -0.4V < VINPUT < +0.4V,
IINPUT = +30mA, SB/ = High
3
5
W
RON
Switch On-Resistance for
USB 2.0 FS signal (From D±
to Y± )
VDD = 5.0V, 0V < VINPUT < 3.3V
IINPUT = -15mA , SB/ = High
10
IOZ
I/O leakage on signal pins
(D±, Y±) current when port
is off
VDD = 5.25V, VINPUT from 0V to 3.6V
-5
+5
µA
IOFF
Signal leakage on signal pins
(D±, Y±) when chip is off
VDD = 0V, VINPUT from 0V to 5.25V
-5
+5
µA
DC Electrical Characteristics (VDD = 5.0V +/- 5%, Ambient Temperature -40 to +85oC)
Capacitance (For typical spec TA = 25ºC, for max spec TA = -40 to +85oC, f = 1MHz)
Parameter
Description
Test Condition
Typ.
Max. Unit
CIN
Control Logic Capacitance
2.7
4
pF
COFF - USB path only
Switch Capacitance at D± or Y± when
switch is OFF
SB/ = low
3.1
3.5
CON - USB path only
Switch Capacitance between D+/- to
Y+/- when switch is ON
SB/ = high
8
10
Dynamic Electrical Characteristics Over the Operating Range
Parameter
Description
Test Condition
Min.
Typ.
Max. Units
XTALK
Crosstalk
RL = 50Ω, freq = 240MHz (Figure 2)
-30
dB
OIRR
Off-Isolation
RL = 50Ω, freq = 240MHz (Figure 2)
-30
-3dB BW
-3dB Bandwidth (along D+/-
path)
RL = 50Ω
1,350
MHz
-0.5dB BW
-0.5dB Bandwidth (along D+/-
path)
RL = 50Ω
350
INLOSS
Insertion loss (along D+/- path)
freq = 240MHz (Figure 2)
-0.60
dB
13-0030



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com