Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB1458 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5USB1458
Description  USB Host Charger Controller supporting BC1.2, YD/T-1591, & Non-standard Protocols
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB1458 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5USB1458 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB1458 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.pericom.com
P-0.1
07/12/13
PI5USB1458
PI5USB1458A
USB Host Charger Controller supporting BC1.2,
YD/T-1591, & Non-standard Protocols
Features
Î
Î
Manages communication to allow charging to occur
Î
Î
Provides multiple modes of charging to ensure all of the
following specs can be met:
à
DCP, CDP, and SDP per BC1.0, 1.1, 1.2 spec
à
DCP per YD/T-1591 spec
à
Samsung fast charging
à
Sony Ericsson fast charging
à
Apple fast charging 1A and 2A
à
Amazon Kindle Fire
Î
Î
Automatic USB Device Identification Circuit (used to
determine charging mode required)
Î
Î
Single Power Supply, 5V ±5%
Î
Î
-40oC to +85oC Operating Temperature Range
Î
Î
Integrated ESD protection up to +/- 4kV contact on pins
2 and 3 per IEC61000-4-2 spec
Î
Î
Detects and differentiates between High-Speed devices and
mouse/keyboard (USB Low/Full Speed device) when in Auto
dedicated charging mode
Î
Î
Anti-loop protection for hard disk drive (HDD)
Î
Î
Packaging (Pb-free & Green):
à
8-Contact TDFN, ZA (2.0mm x 2.0mm x 0.75mm)
Power Switch
Control
Control
Logic
Plug/Unplug &
Mode Detection
References
SB/ CTL
2
3
4
2
3
4
1
1
D-
D+
Y+
1
2
1
2
3
Y-
INT or INT/
SEL
3
Notes:
INT is only offered on PI5USB1458A version on pin 1
INT/ is only offered on PI5USB1458 version on pin 1
Block Diagram
Description
Notebook PCs are used around the world to charge battery-pow-
ered handheld devices such as cell phones, tablets and MP3/MP4
players. Hand-held devices require communication with the
notebook PC before they start to draw current. This ensures that
the handheld device will obtain sufficient current when it wants
to charge. The challenge is that notebook PC's do not provide
acknowledge signal to the handheld device when the notebook
is in “Sleep” mode.
Pericom’s PI5USB1458(/A) solves this issue by setting the
D+/D- pins in the notebook PC to the required signal levels dur-
ing “sleep” mode. When the handheld device sees these required
signal levels, it will then start to draw the current required to
charge itself.
Cell phones within today’s market use different communication
schemes, so the switch will need to configure itself in different
modes. PI5USB1458 (/A) can alternate between modes automati-
cally, once device type is correctly detected.
D+, D- are protected with Pericom’s ESD protection circuits sup-
porting ESD damage as high as +/-4kV contact per IEC61000-4-2
specification.
13-0030


Similar Part No. - PI5USB1458

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5USB1468 PERICOM-PI5USB1468 Datasheet
992Kb / 8P
USB Host Charger Controller supporting BC1.2, YD/T-1591, & non-standard protocols
PI5USB1468AZAE PERICOM-PI5USB1468AZAE Datasheet
992Kb / 8P
USB Host Charger Controller supporting BC1.2, YD/T-1591, & non-standard protocols
PI5USB1468ZAE PERICOM-PI5USB1468ZAE Datasheet
992Kb / 8P
USB Host Charger Controller supporting BC1.2, YD/T-1591, & non-standard protocols
More results

Similar Description - PI5USB1458

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5USB1468 PERICOM-PI5USB1468 Datasheet
992Kb / 8P
USB Host Charger Controller supporting BC1.2, YD/T-1591, & non-standard protocols
logo
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
USB Host Charger Identification
SLG55583 DIALOG-SLG55583 Datasheet
155Kb / 10P
USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
USB Host Charger Identification
SLG55587 DIALOG-SLG55587 Datasheet
150Kb / 10P
USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
USB Host Charger Identification
SLG55594 DIALOG-SLG55594 Datasheet
329Kb / 10P
USB Host Charger Identification
SLG55596 DIALOG-SLG55596 Datasheet
124Kb / 10P
USB Host Charger Identification
logo
Renesas Technology Corp
SLG55596AV RENESAS-SLG55596AV Datasheet
472Kb / 11P
USB Host Charger Identification
8-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com