Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD15 Datasheet(PDF) 2 Page - CUI INC

Part # PRD15
Description  DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15 Datasheet(HTML) 2 Page - CUI INC

  PRD15 Datasheet HTML 1Page - CUI INC PRD15 Datasheet HTML 2Page - CUI INC PRD15 Datasheet HTML 3Page - CUI INC PRD15 Datasheet HTML 4Page - CUI INC PRD15 Datasheet HTML 5Page - CUI INC PRD15 Datasheet HTML 6Page - CUI INC PRD15 Datasheet HTML 7Page - CUI INC PRD15 Datasheet HTML 8Page - CUI INC PRD15 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
cui.com
date 03/28/2016
│ page 2 of 14
CUI Inc
│ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input models
48 Vdc input models
9
18
24
48
36
75
Vdc
Vdc
current
24 Vdc input models
48 Vdc input models
2.1
1.1
A
A
start-up voltage
24 Vdc input models
48 Vdc input models
8.8
16.7
Vdc
Vdc
under voltage shutdown
PRD15-Q24-S3
PRD15-Q24-S5
PRD15-Q24-S12, PRD15-Q24-S15
PRD15-Q48-S15
all other models
8.6
8.5
8.4
16.2
15.6
Vdc
Vdc
Vdc
Vdc
Vdc
remote on/off1
positive logic
models ON (10~15 Vdc or open circuit)
modelsOFF(-0.7~0.7Vdc)
negative logic
models ON (-0.7~0.8 Vdc)
modelsOFF(10~15Vdcoropencircuit)
filter
PRD15-Q48-S5:inductancefilter
allothermodels:capacitancefilter
input reverse polarity protection no
input fuse
recommended to add fuse:
4 A fast blow fuse for 24 Vdc input models
2 A fast blow fuse for 48 Vdc input models
1.5 A fast blow fuse for PRD15-Q48-S12 model
Notes:
1. On/Off current is 1 mA.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
lowESR<0.02Ω
PRD15-Q24-S3, S5, S12 & PRD15-Q48-S3
all other models
1,000
470
μF
μF
line regulation
PRD15-Q48-S3
PRD15-Q48-S12
all other models
±0.2
±0.075
±0.05
%
%
%
load regulation
PRD15-Q24-S3
PRD15-Q24-S5
PRD15-Q48-S3
PRD15-Q48-S5
all other models
±0.1
±0.075
±0.2
±0.06
±0.05
%
%
%
%
%
voltage accuracy
at 50% load
±1
%
start-up time
50
ms
adjustability2
see application notes
±10
%
switching frequency
PRD15-Q24-S12, PRD15-Q24-S15
PRD15-Q48-S5
PRD15-Q48-S15
all other models
340
375
380
350
kHz
kHz
kHz
kHz
dynamic load response
50-75-50% load change to 1% Vout
PRD15-Q24-S3, PRD15-Q24-S12
all other models
150
100
µs
µs
temperaturecoefficient
±0.02
%/°C
Note:
2.Forinputvoltage<20Vdc,PRD15-Q48-S5canonlybetrimmeddown.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com