Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD15 Datasheet(PDF) 3 Page - CUI INC

Part # PRD15
Description  DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15 Datasheet(HTML) 3 Page - CUI INC

  PRD15 Datasheet HTML 1Page - CUI INC PRD15 Datasheet HTML 2Page - CUI INC PRD15 Datasheet HTML 3Page - CUI INC PRD15 Datasheet HTML 4Page - CUI INC PRD15 Datasheet HTML 5Page - CUI INC PRD15 Datasheet HTML 6Page - CUI INC PRD15 Datasheet HTML 7Page - CUI INC PRD15 Datasheet HTML 8Page - CUI INC PRD15 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
cui.com
date 03/28/2016
│ page 3 of 14
CUI Inc
│ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
auto restart
PRD15-Q24-S3
PRD15-Q24-S5
PRD15-Q24-S12
PRD15-Q24-S15
PRD15-Q48-S3
PRD15-Q48-S5
PRD15-Q48-S12
PRD15-Q48-S15
4.5
5.9
14.1
19.5
3.9
5.9
15
20
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
current limiting, auto restart
PRD15-Q24-S3
PRD15-Q24-S5
PRD15-Q24-S12
PRD15-Q24-S15
PRD15-Q48-S3
PRD15-Q48-S5
PRD15-Q48-S12
PRD15-Q48-S15
6.0
4.6
2.0
1.6
7.2
4.5
1.8
1.7
A
A
A
A
A
A
A
A
short circuit protection
current limiting, hiccup auto restart
0.3
A
over temperature protection
PRD15-Q48-S12
all other models
135
115
°C
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, basic insulation
24 Vdc input models
48 Vdc input models
2,000
2,250
Vdc
Vdc
isolation resistance
10
MΩ
isolation capacitance
PRD15-Q24-S5, PRD15-Q24-S15, PRD15-Q48-S3
all other models
1,500
1,000
pF
pF
safety approvals
UL60950-1,2ndEdition
LVD1
2006/95/EC(CEmark)
MTBF
asperTelcordiaSR-332Method1,Case3,ground
fixedconditions,Tpcboard=25°C,fullload,
natural air convection.
2,000,000
hours
RoHS
2011/65/EU
Note:
1.CEmarkonlyon48Vdcinputmodels.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
85
°C
storage temperature
-55
125
°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com