Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD15 Datasheet(PDF) 13 Page - CUI INC

Part # PRD15
Description  DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15 Datasheet(HTML) 13 Page - CUI INC

Back Button PRD15 Datasheet HTML 6Page - CUI INC PRD15 Datasheet HTML 7Page - CUI INC PRD15 Datasheet HTML 8Page - CUI INC PRD15 Datasheet HTML 9Page - CUI INC PRD15 Datasheet HTML 10Page - CUI INC PRD15 Datasheet HTML 11Page - CUI INC PRD15 Datasheet HTML 12Page - CUI INC PRD15 Datasheet HTML 13Page - CUI INC PRD15 Datasheet HTML 14Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
cui.com
date 03/28/2016
│ page 13 of 14
CUI Inc
│ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER
Output Voltage Trimming
Theoutputvoltagecanbeadjustedbyusingthetrimpinandtheuseofeitheranexternaltrimpotoftheuseofasingle
fixedresistor(SeeFigures3~5below).Trimmingresistorsshouldhavealowtemperaturecoefficient(±100ppm/°Cor
less) and be mounted close to the converter. Forinputvoltage<20Vdc,PRD15-Q48-S5canonlybetrimmeddown. If
the trim function is not needed, leave the trim pin open.
LOAD
75-22
TURNS
+VOUT
TRIM
−VOUT
−VIN
ON/OFF
CONTROL
+VIN
APPLICATION NOTES
+VOUT
TRIM
ON/OFF
CONTROL
+VIN
LOAD
R TRIMUP
−VOUT
−VIN
Figure 4 Trim Adjustments To Decrease
Output Voltage Using A Fixed Resistor
LOAD
RTRIM DOWN
+VOUT
TRIM
ON/OFF
CONTROL
+VIN
−VOUT
−VIN
Figure 3 Trim Adjustments Using
A Trimpot
Figure 5 Trim Adjustments To Increase
Output Voltage Using A Fixed Resistor
Rtrim - down =
- B
C(Vo - 2.5)
Vo, nom - Vo
Rtrim - up =
- B
A
Vo - Vo, nom
Figure 6. Driving The On/Off Control Pin
(Suggested Circuit)
Note: R
trim-upistheexternalresistorinΩ
R
trim-downistheexternalresistorinΩ
V
O, nom is the nominal output voltage
V
O is the desired output voltage
ON/OFF CONTROL
CONTROL
+ Vcc
-VIN
Vout
A
B
C
3.3
12775
2050
5110
5
12775
2050
5110
12
25000
5110
10000
15
25000
5110
10000
Remote On/Off Control
TheDC-DCconvertercanbeorderedwitheitherpositiveornegativelogic.Seepage2forenable/disabledetailsforboth
positive and negative logic options. Dynamic control of the On/Off function should be able to sink appropriate signal
currentwhenbroughtlowandwithstandappropriatevoltagewhenbroughthigh.Beawarethatthereisafinitetimein
millisecondsbetweenthethetimeofOn/Offcontrolactivationandstable,regulatedoutput.Thistimewillvaryslightly
with output load type and current and input conditions.
Cautions when using the On/Off control:
1. Toretainfulloutputcircuitisolation,controltheOn/Offfromtheinputsideonly.
2. While it is possible to control the On/Off with external logic if you carefully observe the voltage levels, the
preferred circuit is either an open drain/open collector transistor, a switch, or a relay.
3. Do not apply voltages to the On/Off pin when there is no input power voltage, otherwise the converter may be
permanently damaged.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com