Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD15 Datasheet(PDF) 1 Page - CUI INC

Part # PRD15
Description  DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15 Datasheet(HTML) 1 Page - CUI INC

  PRD15 Datasheet HTML 1Page - CUI INC PRD15 Datasheet HTML 2Page - CUI INC PRD15 Datasheet HTML 3Page - CUI INC PRD15 Datasheet HTML 4Page - CUI INC PRD15 Datasheet HTML 5Page - CUI INC PRD15 Datasheet HTML 6Page - CUI INC PRD15 Datasheet HTML 7Page - CUI INC PRD15 Datasheet HTML 8Page - CUI INC PRD15 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
cui.com
date 03/28/2016
page 1 of 14
SERIES: PRD15
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 15 W isolated output
• industry standard 1” x 1” package
• 4:1 input range
• low ripple & noise
• over voltage, over current, short circuit, and over
temperature protections
• remote on/off control
• output trim
• -40 to 85°C temperature range
• efficiency up to 89%
• UL/cUL safety approval
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(A)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PRD15-Q24-S3
24
9~36
3.3
0.45
4.5
14.85
90
89
PRD15-Q24-S5
24
9~36
5
0.3
3
15
125
87.3
PRD15-Q24-S12
24
9~36
12
0.13
1.3
15.6
150
84.5
PRD15-Q24-S15
24
9~36
15
0.11
1.1
16.5
175
85
PRD15-Q48-S3
48
18~75
3.3
0.5
5
16.5
90
88
PRD15-Q48-S5
48
18~75
5
0.3
3
15
95
86
PRD15-Q48-S12
48
18~75
12
0.13
1.3
15.6
120
85
PRD15-Q48-S15
48
18~75
15
0.11
1.1
16.5
120
85.3
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,inputterminatedwitha100μFcapacitorfor24Vdcinputmodelsanda4.7μFcapacitorfor48Vdcinput
models.Outputterminatedwith1μFand10μFlowESRcapacitors.
2.AllspecificationsaremeasuredatTa=25°C,nominalinputvoltage,andratedoutputloadunlessotherwisespecified.Allmodelsaretestedandspecifiedwitha100μF
capacitorfor24Vdcinputmodelsanda4.7μFcapacitorfor48Vdcinputmodelsontheinput,andwith1μFand10μFlowESRcapacitorsontheoutput.
PART NUMBER KEY
Base Number
Packaging Style:
D=DIP
M=SMT
PRD15 - QXX - SXX - X - X - X
Output Voltage
InputVoltage
Remote On/Off Control:
P=positivelogic
N=negativelogic
Package Options:
“blank”=standard
(through hole
models only)
TR=Tape&Reel
(SMTmodelsonly)
For more information, please visit the product page.


Similar Part No. - PRD15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRD15-D CUI-PRD15-D Datasheet
840Kb / 14P
DC-DC CONVERTER
PRD15-Q24-S12 CUI-PRD15-Q24-S12 Datasheet
840Kb / 14P
DC-DC CONVERTER
PRD15-Q24-S15 CUI-PRD15-Q24-S15 Datasheet
840Kb / 14P
DC-DC CONVERTER
PRD15-Q24-S3 CUI-PRD15-Q24-S3 Datasheet
840Kb / 14P
DC-DC CONVERTER
PRD15-Q24-S5 CUI-PRD15-Q24-S5 Datasheet
840Kb / 14P
DC-DC CONVERTER
More results

Similar Description - PRD15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com