Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC6713 Datasheet(PDF) 10 Page - RF Micro Devices

Part # QPC6713
Description  Digital Step Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPC6713 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button QPC6713 Datasheet HTML 6Page - RF Micro Devices QPC6713 Datasheet HTML 7Page - RF Micro Devices QPC6713 Datasheet HTML 8Page - RF Micro Devices QPC6713 Datasheet HTML 9Page - RF Micro Devices QPC6713 Datasheet HTML 10Page - RF Micro Devices QPC6713 Datasheet HTML 11Page - RF Micro Devices QPC6713 Datasheet HTML 12Page - RF Micro Devices QPC6713 Datasheet HTML 13Page - RF Micro Devices QPC6713 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Revision DS20160112
- 10 of 17 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
QPC6713
RFMD + TriQuint = Qorvo
Evaluation Board Bill of Materials (BOM) 50MHz to 6000MHz Application Circuit
Description
Reference
Designator
Manufacturer
Manufacturer's P/N
SA3613-410
Dynamic Details (DDI) Toronto
SA3613-410(B)
Digital Step Attenuator, 50MHz to 6000MHz
U1
RFMD/Qorvo
QPC6713SB
CAP, 1µF, 10%, 25V, X7R, 1206
C1
Taiyo Yuden (USA), Inc.
CE TMK316BJ105KL-T
CONN, SMA, END LNCH, UNIV, HYB MNT, FLT
J1-J4
Molex
SD-73251-4000
CONN, HDR, ST, PLRZD, 2-
PIN, 0.100”
P1
ITW Pancon
MPSS100-2-C
CONN, HDR, ST, 3 x 5, 0.100”, T/H
P3
Samtec Inc.
TSW-105-07-L-T
CONN, HDR, 2 x 4, RA, 0.100”, T/H
P4
Samtec Inc.
TSW-104-08-G-D-RA
CONN, SKT, 24-
PIN DIP, 0.600”, T/H
P2
Aries Electronics Inc.
24-6518-10
MOD, USB TO SERIAL UART, SSOP-28
M1 (See Note)
Future Technology Devices Int’l
UM232R
CAP, 470pF, 5%, 50V, C0G, 0402
C4
Murata Electronics
GRM1555C1H471JA01D
DNP
C5-C13
N/A
N/A
Notes:
1. M1 should be mounted into P2 with respect to the Pin 1 alignment of M1 and P2.
2. Install S1-S4 into P3 as indicated on the Evaluation Board Assembly Drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com