Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC6713 Datasheet(PDF) 12 Page - RF Micro Devices

Part # QPC6713
Description  Digital Step Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPC6713 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button QPC6713 Datasheet HTML 8Page - RF Micro Devices QPC6713 Datasheet HTML 9Page - RF Micro Devices QPC6713 Datasheet HTML 10Page - RF Micro Devices QPC6713 Datasheet HTML 11Page - RF Micro Devices QPC6713 Datasheet HTML 12Page - RF Micro Devices QPC6713 Datasheet HTML 13Page - RF Micro Devices QPC6713 Datasheet HTML 14Page - RF Micro Devices QPC6713 Datasheet HTML 15Page - RF Micro Devices QPC6713 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Revision DS20160112
- 12 of 17 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
QPC6713
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Jumpers
Connector
Signal
Position
U1 Connection
Comment
S1
P3
Logic
Voltage
0
VDD (From P1)
1
VIO (From P4)
S2
A0
0
GND
External Address
1
U1_VDD
S3
A1
0
GND
External Address
1
U1_VDD
S4
A2
0
GND
External Address
1
U1_VDD
Note: Default jumper settings are BOLD
Evaluation Board Programming Using USB Interface
Serial Addressable Mode
All programming jumpers on the evaluation board are set to the default values indicated in the table. Refer to the Control Bit
Generator (CBG) Software Reference Manual for detailed instructions on how to setup the software for use. Apply the
supply voltag
e to P1. Select ‘QPC6713’ from the RFMD parts list of the CBG user interface. Set the attenuation value using
the CBG user interface. The attenuator is set to the desired state and measurement can be taken. Note that the external
address bits must all be set to ‘0’ when using the USB interface as the CGB software does not have the capability to set the
external address in the serial data stream at this time.
Evaluation Board Programming Using External Bus
Serial Addressable Mode
The configuration allows the user to control the attenuator through the P4 connector using an external harness. Remove the
USB interface board if it is currently installed on the evaluation board. Connect a user-supplied harness to the P4 connector.
Note that the top row of P4 contains the serial bus signals and the bottom row is ground. Programming jumper S1 is set to
‘0’. External address jumpers S2 through S4 can be set to any value desired by the user. Apply the supply voltage P1. Send
the appropriate signals onto the serial bus lines in accordance with the Serial Mode Timing Diagram. The attenuator is set to
the desired state and measurements can be taken.
Default Power-up State
The default attenuation state is maximum (31.75dB) when supply voltage is applied to the attenuator. The LE signal must
be held to logic ‘0’ during power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com