Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC6713 Datasheet(PDF) 1 Page - RF Micro Devices

Part # QPC6713
Description  Digital Step Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPC6713 Datasheet(HTML) 1 Page - RF Micro Devices

  QPC6713 Datasheet HTML 1Page - RF Micro Devices QPC6713 Datasheet HTML 2Page - RF Micro Devices QPC6713 Datasheet HTML 3Page - RF Micro Devices QPC6713 Datasheet HTML 4Page - RF Micro Devices QPC6713 Datasheet HTML 5Page - RF Micro Devices QPC6713 Datasheet HTML 6Page - RF Micro Devices QPC6713 Datasheet HTML 7Page - RF Micro Devices QPC6713 Datasheet HTML 8Page - RF Micro Devices QPC6713 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Revision DS20150908
- 1 of 17 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
QPC6713
50MHz to 6000MHz, Digital Step Attenuator
The QPC6713 is a 7-bit digital step attenuator (DSA) that
features high linearity over the entire 31.75dB gain control
range in 0.25dB steps. The QPC6713 uses a serial control
interface and has a low insertion loss of 1.7dB at 2GHz. The
patented circuit architecture provides overshoot-free transient
switching performance using a single 3V to 5V power supply.
External address pins allow up to eight DSAs to be controlled
on a single bus. The QPC6713 is available in a 3mm x 3mm
QFN package.
16
1
2
3
4
15
14
13
12
11
10
9
5
6
7
8
7-BIT DSA
LOGIC CONTROL
VDD
A0
GND
RFIN
LE
GND
GND
RFOUT
Functional Block Diagram
Ordering Information
QPC6713SQ
Sample bag with 25 pieces
QPC6713SR
7" Reel with 100 pieces
QPC6713TR7
7" Reel with 2500 pieces
QPC6713PCK401
50MHz to 6000MHz PCBA with 5-piece sample bag
Package: QFN, 16-pin,
3.0mm x 3.0mm x 0.85mm
Features
■
7-Bit, 31.75dB Range, 0.25dB Step
■
Patented Circuit Architecture
■
Overshoot-free Transient
Switching Performance
■
Frequency Range 50MHz to
6000MHz
■
High Linearity, IIP3 >55dBm
■
Serial Control Interface
■
Fast Switching Speed, 50nsec
Typical
■
Serial Addressable Supports Up to
Eight Addresses
■
Single Supply 3V to 5V Operation
■
RF Pins Have No DC Voltage, Can
be DC Grounded Externally
■
Power-up Default Setting Is
Maximum Attenuation
Applications
■
2G through 4G Base Stations
■
Point-to-Point
■
Wi-Fi
■
Test Equipment


Similar Part No. - QPC6713

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
QPC6713PCK401 QORVO-QPC6713PCK401 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
QPC6713TR7 QORVO-QPC6713TR7 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
More results

Similar Description - QPC6713

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
Digital Step Attenuator
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com