Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC6713 Datasheet(PDF) 13 Page - RF Micro Devices

Part # QPC6713
Description  Digital Step Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPC6713 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button QPC6713 Datasheet HTML 9Page - RF Micro Devices QPC6713 Datasheet HTML 10Page - RF Micro Devices QPC6713 Datasheet HTML 11Page - RF Micro Devices QPC6713 Datasheet HTML 12Page - RF Micro Devices QPC6713 Datasheet HTML 13Page - RF Micro Devices QPC6713 Datasheet HTML 14Page - RF Micro Devices QPC6713 Datasheet HTML 15Page - RF Micro Devices QPC6713 Datasheet HTML 16Page - RF Micro Devices QPC6713 Datasheet HTML 17Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Revision DS20160112
- 13 of 17 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
QPC6713
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Pin
Name
Description
1
VDD
Supply Voltage
2
A0
A0 External Address Pin
3
GND
Ground Pin
4
RFIN
RF Input Pin
Incident RF power must enter this pin for rated thermal performance and reliability
Do not apply DC power to this pin. Pin may be DC grounded externally and is grounded thru resistors internal
to the part.
5
GND
Ground Pin
6
GND
Ground Pin
7
GND
Ground Pin
8
GND
Ground Pin
9
RFOUT
RF Output Pin; Do not apply DC power to this pin. Pin may be DC grounded externally and is grounded thru
resistors internal to the part.
10
GND
Ground Pin
11
GND
Ground Pin
12
LE
Latch Enable
The leading edge of signal on LE causes the attenuator to change state
13
CLK
Serial Clock Input
14
SI
Serial data Input
15
A1
A1 External Address Pin
16
A2
A2 External Address Pin
Serial Addressable Mode Attenuation Word Truth Table
Attenuation Word
Attenuation State
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
X
L
L
L
L
L
L
L
0dB / Reference Insertion Loss
X
L
L
L
L
L
L
H
0.25dB
X
L
L
L
L
L
H
L
0.5dB
X
L
L
L
L
H
L
L
1dB
X
L
L
L
H
L
L
L
2dB
X
L
L
H
L
L
L
L
4dB
X
L
H
L
L
L
L
L
8dB
X
H
L
L
L
L
L
L
16dB
X
H
H
H
H
H
H
H
31.75dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com