Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8038LP4CE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC8038LP4CE
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8038LP4CE Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC8038LP4CE Datasheet HTML 3Page - Analog Devices HMC8038LP4CE Datasheet HTML 4Page - Analog Devices HMC8038LP4CE Datasheet HTML 5Page - Analog Devices HMC8038LP4CE Datasheet HTML 6Page - Analog Devices HMC8038LP4CE Datasheet HTML 7Page - Analog Devices HMC8038LP4CE Datasheet HTML 8Page - Analog Devices HMC8038LP4CE Datasheet HTML 9Page - Analog Devices HMC8038LP4CE Datasheet HTML 10Page - Analog Devices HMC8038LP4CE Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
HMC8038
Rev. A | Page 7 of 11
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, ISOLATION, AND RETURN LOSS
0
–0.5
–1.5
–1.0
–2.0
–2.5
0
1
2
3
4
5
6
7
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 6. Insertion Loss vs. Frequency over Temperatures, VDD = 5 V
0
–20
–60
–40
–80
–100
0
1
2
3
4
5
6
7
FREQUENCY (GHz)
RF1
RF2
ALL OFF
Figure 7. Isolation Between RFC and RF1/RF2 vs. Frequency at VDD = 3.3 V to 5 V
0
–40
–30
–35
–25
–15
–5
–20
–10
0
1
2
3
4
5
6
7
FREQUENCY (GHz)
RFC
RF1, RF2 OFF
RF1, RF2 ON
Figure 8. Return Loss vs. Frequency at VDD = 3.3 V to 5 V
0
–0.5
–1.5
–1.0
–2.0
–2.5
0
1
2
3
4
5
6
7
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 9. Insertion Loss vs. Frequency over Temperatures, VDD = 3.3 V
0
–80
–60
–70
–50
–30
–10
–40
–20
0
1
2
3
4
5
6
7
FREQUENCY (GHz)
RFC TO RF1 ON
RFC TO RF2 ON
Figure 10. Isolation Between RF1 and RF2 vs. Frequency at VDD = 3.3 V to 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com