Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8038LP4CE Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8038LP4CE
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8038LP4CE Datasheet(HTML) 3 Page - Analog Devices

  HMC8038LP4CE Datasheet HTML 1Page - Analog Devices HMC8038LP4CE Datasheet HTML 2Page - Analog Devices HMC8038LP4CE Datasheet HTML 3Page - Analog Devices HMC8038LP4CE Datasheet HTML 4Page - Analog Devices HMC8038LP4CE Datasheet HTML 5Page - Analog Devices HMC8038LP4CE Datasheet HTML 6Page - Analog Devices HMC8038LP4CE Datasheet HTML 7Page - Analog Devices HMC8038LP4CE Datasheet HTML 8Page - Analog Devices HMC8038LP4CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
HMC8038
Rev. A | Page 3 of 11
SPECIFICATIONS
VDD = 3.3 V to 5 V, VCTL = 0 V/VDD, TA = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INSERTION LOSS
0.1 GHz to 2.0 GHz
0.7
1.0
dB
2.0 GHz to 4.0 GHz
0.8
1.1
dB
4.0 GHz to 6.0 GHz
0.9
1.3
dB
ISOLATION
0.1 GHz to 2.0 GHz
55
70
dB
RFC to RF1/RF2 (Worst Case)
2.0 GHz to 4.0 GHz
50
60
dB
4.0 GHz to 6.0 GHz
40
51
dB
RETURN LOSS
On State
0.1 GHz to 2.0 GHz
24
dB
2.0 GHz to 4.0 GHz
18
dB
4.0 GHz to 6.0 GHz
18
dB
Off State
0.1 GHz to 2.0 GHz
23
dB
2.0 GHz to 4.0 GHz
22
dB
4.0 GHz to 6.0 GHz
16
dB
SWITCHING SPEED
tRISE, tFALL
10%/90% RFOUT
60
ns
tON, tOFF
50% VCTL to 10%/90% RFOUT
150
ns
RF SETTLING TIME
50% VCTL to 0.1 dB margin of final RFOUT
170
ns
INPUT POWER
1 dB Compression (P1dB)
VDD = 3.3 V
34
dB
VDD = 5 V
36
dB
0.1 dB Compression (P0.1dB)
VDD = 3.3 V
33
dB
VDD = 5 V
35
dB
INPUT THIRD-ORDER INTERCEPT (IP3)
Two-tone input power = 14 dBm/tone
60
dBm
RECOMMENDED OPERATING CONDITIONS
Bias Voltage Range (VDD)
3.0
5.4
V
Control Voltage Range (VCTL, EN)
0
VDD
V
Maximum RF Input Power1
TCASE = 105°C
Through Path (5 V/3.3 V)
31/30
dBm
Terminated Path
24
dBm
Hot Switching
24
dBm
TCASE = 85°C
Through Path (5 V/3.3 V)
34/33
dBm
Terminated Path
27
dBm
Hot Switching
27
dBm
TCASE = 25°C
Through Path (5 V/3.3 V)
34/33
dBm
Terminated Path
29
dBm
Hot Switching
27
dBm
TCASE = −40°C
Through Path (5 V/3.3 V)
34/33
dBm
Terminated Path
29
dBm
Hot Switching
27
dBm
Case Temperature Range (TCASE)
−40
+105
°C
1
Exposure to levels between the recommended operating conditions and the absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com