Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8038LP4CE Datasheet(PDF) 9 Page - Analog Devices

Part # HMC8038LP4CE
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8038LP4CE Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC8038LP4CE Datasheet HTML 3Page - Analog Devices HMC8038LP4CE Datasheet HTML 4Page - Analog Devices HMC8038LP4CE Datasheet HTML 5Page - Analog Devices HMC8038LP4CE Datasheet HTML 6Page - Analog Devices HMC8038LP4CE Datasheet HTML 7Page - Analog Devices HMC8038LP4CE Datasheet HTML 8Page - Analog Devices HMC8038LP4CE Datasheet HTML 9Page - Analog Devices HMC8038LP4CE Datasheet HTML 10Page - Analog Devices HMC8038LP4CE Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet
HMC8038
Rev. A | Page 9 of 11
THEORY OF OPERATION
The HMC8038 requires a single-supply voltage applied to the
VDD pin. Bypassing capacitors are recommended on the supply
line to minimize RF coupling.
The HMC8038 is controlled via two digital control voltages
applied to the VCTL pin and the EN pin. A small bypassing
capacitor is recommended on these digital signal lines to
improve the RF signal isolation.
The HMC8038 is internally matched to 50 Ω at the RF input
port (RFC) and the RF output ports (RF1 and RF2); therefore,
no external matching components are required. The RFx pins
are dc-coupled, and dc blocking capacitors are required on the
RF lines. The design is bidirectional; the input and outputs are
interchangeable.
The ideal power-up sequence is as follows:
1. Power up GND.
2. Power up VDD.
3. Power up the digital control inputs. The relative order of
the logic control inputs are not important. Powering the digital
control inputs before the VDD supply can inadvertently
forward bias and damage ESD protection structures.
4. Power up the RF input.
With the EN pin is logic low, the HMC8038 has two operation
modes: on and off. Depending on the logic level applied to the
VCTL pin, one RF output port (for example, RF1) is set to on
mode, by which an insertion loss path is provided from the
input to the output, as the other RF output port (for example,
RF2) is set to off mode, by which the output is isolated from the
input. When the RF output port (RF1 or RF2) is in isolation
mode, internally terminate it to 50 Ω, and the port absorbs the
applied RF signal.
When the EN pin is logic high, the EN pin sets the HMC8038
switch to off mode. In off mode, both output ports are isolated
from the input, and the RFC port is open reflective.
Table 7. Switch Operation Mode
Digital Control Inputs
Switch Mode
VEN
VCTL
RFC to RF1
RFC to RF2
0
0
Off mode. The RF1 port is isolated from the RFC port and
is internally terminated to a 50 Ω load to absorb the
applied RF signals.
On mode. A low insertion loss path from the RFC
port to the RF2 port.
0
1
On mode. A low insertion loss path from the RFC port to
the RF1 port.
Off mode. The RF2 port is isolated from the RFC port
and is internally terminated to a 50 Ω load to absorb
the applied RF signals.
1
X1
All in off mode. Both the RF1 and RF2 ports are isolated from the RFC port, and the RFC port is reflective.
1
X stands for don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com