Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8038LP4CE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC8038LP4CE
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8038LP4CE Datasheet(HTML) 2 Page - Analog Devices

  HMC8038LP4CE Datasheet HTML 1Page - Analog Devices HMC8038LP4CE Datasheet HTML 2Page - Analog Devices HMC8038LP4CE Datasheet HTML 3Page - Analog Devices HMC8038LP4CE Datasheet HTML 4Page - Analog Devices HMC8038LP4CE Datasheet HTML 5Page - Analog Devices HMC8038LP4CE Datasheet HTML 6Page - Analog Devices HMC8038LP4CE Datasheet HTML 7Page - Analog Devices HMC8038LP4CE Datasheet HTML 8Page - Analog Devices HMC8038LP4CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HMC8038
Data Sheet
Rev. A | Page 2 of 11
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Interface Schematics .....................................................................6
Typical Performance Characteristics ..............................................7
Insertion Loss, Isolation, and Return Loss ................................7
Input Compression and Input Third-Order Intercept .............8
Theory of Operation .........................................................................9
Applications Information .............................................................. 10
Outline Dimensions....................................................................... 11
Ordering Guide .......................................................................... 11
REVISION HISTORY
11/15—Rev. 0 to Rev. A
Changes to Table 1............................................................................ 3
9/15—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com