Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4571WHRZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4571WHRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571WHRZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4571WHRZ-R7 Datasheet HTML 1Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADA4571
Data Sheet
Rev. 0 | Page 4 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Power Supply Rejection3
PSRR
Measured as output variation from VDD/2,
VDD = 2.7 V to 5.5 V, RL = 200 kΩ to GND,
GC = GND or VDD
80
dB
Output Short-Circuit Current
ISC
Short to GND per pin (VSIN, VCOS)
15
20
mA
Short to VDD per pin (VSIN, VCOS)
−15
−18
mA
Sensitivity
SEN
α1 = 0°, α2 = 135°, TA = 25°C
52
mV/°
POWER SUPPLY
Supply Voltage
VDD
2.7
5.5
V
Quiescent Supply Current
ISY
PD = GND, GC = GND, no load
3.5
4.5
6.5
mA
PD = GND, GC = VDD, no load
7
mA
PD = VDD, no load
15
µA
Power-Up Time
tPWRUP
To 98% of desired output level after VDD was
reached
150
µs
To 98% of desired output level after PD cycling
100
µs
DIGITAL INPUTS
Input Bias Current (GC)
IB_GC
For GC mode control pin, GC = GND
30
µA
For GC mode control pin, GC = VDD
3
µA
Input Bias Current (PD)
IB_PD
For PD pin, PD = GND
3
µA
For PD pin, PD = VDD
30
µA
Input Voltage (GC and PD)
High
VIH
1.4
V
Low
VIL
0.35
V
TEMPERATURE SENSOR
Error Over Temperature
TERR
5
°C
Temperature Voltage Range
TRANGE
TA = −40°C to +150°C
0
82
% VDD
Temperature Coefficient
TCO
3.173
mV/V/°C
VTEMP Output Voltage
TA = 25°C
18
40
% VDD
VTEMP Output Impedance
Buffered output
50
Ω
VTEMP Load Capacitance
Optional load capacitance
0
22
nF
VTEMP Short-Circuit Current
ISC_VTEMP
Short-circuit to VDD or GND
2
mA
LOAD CAPACITOR
External Load Capacitance
CL
Between VSIN to GND and VCOS to GND;
solder close to package
10
nF
1
αUNCORR is the total mechanical angular error after arctan computation. This parameter is 100% production tested at 25°C and 150°C. This error includes all sources of
error over temperature before calibration. Error components such as offset, amplitude synchronism, amplitude synchronism drift, thermal offset drift, phase error,
hysteresis, orthogonality error, and noise are included.
2
αCAL is the total mechanical angular error after arctan computation. This error includes all sources of error over temperature after an initial offset (nulling) is performed
at TA = 25°C. Error components such as amplitude synchronism drift, amplifier gain matching, thermal offset drift, phase error, hysteresis, orthogonality error, and
noise are included.
3
Guaranteed through characterization.
4
αDYNAMIC is the total mechanical angular error after arctan computation. This parameter is 100% production tested. This error includes all sources of error over
temperature after a continuous background calibration is performed to correct offset and amplitude synchronism errors. Error components such as phase error,
hysteresis, orthogonality error, noise, and lifetime drift are included.
5
Peak-to-peak amplitude mismatch. k = 100 × VSIN/VCOS.
6
Rotation frequency dependent phase error, after offset correction, amplitude calibration, and arctan calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com