Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4571WHRZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4571WHRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571WHRZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4571WHRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADA4571
Rev. 0 | Page 13 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
TERMINOLOGY
Reference Position Error
The reference position error is the absolute mounting position
deviation of the sensor from its nominal placement. The
reference position for Y = 0 μm is the straight connection line of
Pin 2 and Pin 7. The X = 0 μm position is referred to the middle
distance of the package top. The position accuracies are within
a precision of ±0.05 mm (±50 μm) in both the X and Y
direction.
Reference Angle Error
The reference angle error is the absolute mounting rotation
deviation of the sensor from its nominal placement. Marking
the position for angle Φ= 0° position is referred parallel to the
straight connection line of Pin 2 and Pin 7.
Figure 25. Bonding Arrangement and Sensor Alignment in Package
Output Amplitude Synchronism Error
The output amplitude matching error (k) is defined as the
relationship between both output channel amplitudes at
continuously rotating magnetic excitation of the MR sensor
mathematically expressed as
k = 100% × VSIN_P-P/VCOS_P-P
Uncorrected Angular Error
The uncorrected angular error is defined as the maximum
deviation from an ideal angle reading, when calculating the
angle from VSIN and VCOS without offset calibration.
Single Point Calibration Angular Error
The single point calibration angular error is defined as the
maximum deviation from an ideal angle reading, when
calculating the angle from VSIN and VCOS after an initial
calibration for offset voltage at TA = 25°C.
Dynamic Angular Error
The dynamic angular error is defined as the maximum
deviation from an ideal angle reading, when calculating the
angle from VSIN and VCOS while a continuous offset calibration is
taken into account.
Phase Error
The phase error (ΦERR) is defined as the rotation frequency
dependent error due to bandwidth limitation of the instrumen-
tation amplifiers. VSIN and VCOS are impacted by the amplifier
propagation delay, referred to the actual angle direction of the
rotating magnetic field. The typical characteristics value can be
used for a first-order compensation of this error on very high
rotations per minute. For low rotational speed systems, this error
component is negligible and no compensation is necessary.
GC 1
VCOS 2
GND 3
VSIN 4
PD
8
VDD
7
GND
6
VTEMP
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com