Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4571WHRZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4571WHRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571WHRZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4571WHRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADA4571
Rev. 0 | Page 7 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Operating Temperature
−40°C to +150°C
Storage Temperature
−65°C to +150°C
Supply Voltage (VDD)1
−0.3 V to +6 V
Output Short-Circuit Duration to GND or VDD
Indefinite
VTEMP Short-Circuit to GND or VDD
Indefinite
ESD
Human Body Model (HBM)2
4000 V
Machine Model (MM)3
300 V
Charge Device Model (CDM)4
1250 V
1
GC or PD at VDD + 0.3 V.
2
Applicable standard: JESD22-C101.
3
Applicable standard: JESD22-A115.
4
Applicable standard: ESDA/JEDEC JS-001-2011.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
Unit
8-Lead SOIC
120
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com