Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4571WHRZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4571WHRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571WHRZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4571WHRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 18Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 19Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 20Page - Analog Devices ADA4571WHRZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ADA4571
Data Sheet
Rev. 0 | Page 18 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
MECHANICAL TOLERANCES DIAGRAMS
Figure 30. Mechanical Drawing of the ADA4571
AMR SENSING ELEMENT
1.400
1.250
1.100
0.475
0.400
0.325
SEATING PLANE
C
0.10 C
Figure 31. Cross Sectional View of the ADA4571
0.25
C A B
0.25 C A
0.50 C B
M
SENSING ELEMENT
CENTER
NOTES 5, 6
NOTES 3, 6, 7
NOTE 2
NOTE 4
SEATING PLANE
LEAD TIPS
ALL LEADS
2.00
1.95
1.90
0.854
0.487
0.437
0.387
4
1
8
5
A
B
C
4.00
3.90
3.80
3.10
3.00
2.90
6.20
6.00
5.80
5.00
4.90
4.80
2.50
2.45
2.40
0.10 C
1.27
NOTES
1. DIMENSIONS ARE IN MILLIMETERS.
2. MAXIMUM SENSOR ROTATION.
3. THIS DIMENSION AND TRUE POSITION SPECIFY THE LOCATION OF THE CENTER
OF THE SENSING ELEMENT WITH RESPECT TO THE CENTER OF THE PACKAGE.
THE CENTER OF THE SENSING ELEMENT IS ALIGNED WITH THE EDGES OF
LEAD 2 AND LEAD 7.
4. THE CENTER OF THE SENSING ELEMENT IS ALIGNED WITH THE CENTER LINE
OF THE PACKAGE (DATUM B).
5. THE LEAD WIDTH DIMENSION IS TOLERANCED MORE TIGHTLY THAN ON
THE R8 PACKAGE OUTLINE DRAWING. THIS DIMENSION IS MEASURED AT
THE FOOT OF THE LEAD (NO FLASH, BURRS).
6. DOES NOT INCLUDE MOLD FLASH, DAMBAR PROTRUSIONS, OR BURRS.
7. MOLD BODY WIDTH AND LENGTH DIMENSIONS DO NOT INCLUDE MOLD FLASH,
OFFSETS, OR MOLD GATE PROTRUSIONS.
8. REFER TO THE R8 PACKAGE OUTLINE DRAWING FOR DIMENSIONS NOT SHOWN HERE.
2° MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com