Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9684 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9684 Datasheet HTML 35Page - Analog Devices AD9684 Datasheet HTML 36Page - Analog Devices AD9684 Datasheet HTML 37Page - Analog Devices AD9684 Datasheet HTML 38Page - Analog Devices AD9684 Datasheet HTML 39Page - Analog Devices AD9684 Datasheet HTML 40Page - Analog Devices AD9684 Datasheet HTML 41Page - Analog Devices AD9684 Datasheet HTML 42Page - Analog Devices AD9684 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 39 of 64
For example, if the ADC sampling frequency (fS) is 1250 MSPS
and the carrier frequency (fC) is 416.667 MHz,
(
)
MHz
1365
1250
1250
,
667
.
416
mod
2
round
_
12
=
=
FTW
NCO
This, in turn, converts to 0x555 in the 12-bit, twos complement
representation for NCO_FTW. Calculate the actual carrier
frequency based on the following equation:
MHz
56
.
416
2
_
12
_
=
×
=
S
ACTUAL
C
f
FTW
NCO
f
A 12-bit POW is available for each NCO to create a known
phase relationship between multiple AD9684 chips or
individual DDC channels inside one AD9684 chip.
The following procedure must be followed to update the FTW
and/or POW registers to ensure proper operation of the NCO:
1. Write to the FTW registers for all the DDCs.
2. Write to the POW registers for all the DDCs.
3. Synchronize the NCOs either through the DDC soft reset bit,
accessible through the SPI, or through the assertion of the
SYNC± pins.
Note that the NCOs must be synchronized either through the
SPI or through the SYNC± pins after all writes to the FTW or
POW registers are complete. This synchronization is necessary
to ensure the proper operation of the NCO.
NCO Synchronization
Each NCO contains a separate phase accumulator word (PAW)
that determines the instantaneous phase of the NCO. The initial
reset value of each PAW is determined by the POW, described
in the Setting Up the NCO FTW and POW section. The phase
increment value of each PAW is determined by the FTW.
Use the following two methods to synchronize multiple PAWs
within the chip:
•
Using the SPI. Use the DDC NCO soft reset bit in the DDC
synchronization control register (Register 0x300, Bit 4) to
reset all the PAWs in the chip. This is accomplished by
toggling the DDC NCO soft reset bit. Note that this
method synchronizes DDC channels within the same
AD9684 chip only.
•
Using the SYNC± pins. When the SYNC± pins are enabled
in the SYNC± control registers (Register 0x120 and
Register 0x121), and the DDC synchronization is enabled
in Bits[1:0] in the DDC synchronization control register
(Register 0x300), any subsequent SYNC± event resets all
the PAWs in the chip. Note that this method synchronizes
DDC channels within the same AD9684 chip or DDC
channels within separate AD9684 chips.
Mixer
The NCO is accompanied by a mixer, which operates similarly
to an analog quadrature mixer. It performs the downconversion
of input signals (real or complex) by using the NCO frequency
as a local oscillator. For real input signals, this mixer performs a
real mixer operation with two multipliers. For complex input
signals, the mixer performs a complex mixer operation with
four multipliers and two adders. The mixer adjusts its operation
based on the input signal (real or complex) provided to each
individual channel. The selection of real or complex inputs can be
controlled individually for each DDC block using Bit 7 of the DDC
control registers (Register 0x310, Register 0x330, Register 0x350,
and Register 0x370).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com