Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9684 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9684 Datasheet HTML 17Page - Analog Devices AD9684 Datasheet HTML 18Page - Analog Devices AD9684 Datasheet HTML 19Page - Analog Devices AD9684 Datasheet HTML 20Page - Analog Devices AD9684 Datasheet HTML 21Page - Analog Devices AD9684 Datasheet HTML 22Page - Analog Devices AD9684 Datasheet HTML 23Page - Analog Devices AD9684 Datasheet HTML 24Page - Analog Devices AD9684 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 21 of 64
–140
–120
–100
–80
–60
–40
–20
0
–
90 –84 –78 –72 –66 –60 –54 –48
INPUT AMPLITUDE (dBFS)
–
42 –36 –30 –24 –18 –12 –6
SFDR (dBFS)
SFDR (dBc)
IMD3 (dBc)
IMD3 (dBFS)
Figure 24. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with fIN1 = 184 MHz
and fIN2 = 187 MHz
–140
–120
–100
–80
–60
–40
–20
0
–
90 –84 –78 –72 –66 –60 –54 –48
INPUT AMPLITUDE (dBFS)
–
42 –36 –30 –24 –18 –12 –6
SFDR (dBFS)
SFDR (dBc)
IMD3 (dBc)
IMD3 (dBFS)
Figure 25. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with fIN1 = 338 MHz
and fIN2 = 341 MHz
–40
–20
0
20
INPUT AMPLITUDE (dBFS)
40
60
80
100
SFDR (dBFS)
SFDR (dBc)
SNR (dBc)
SNR (dBc)
Figure 26. SNR/SFDR vs. Input Amplitude, fIN = 170.3 MHz
65
70
75
80
85
90
–40
–25
–10
0
15
TEMPERATURE (°C)
25
40
55
70
85
SFDR
SNR
Figure 27. SNR/SFDR vs. Temperature, fIN = 170.3 MHz
SAMPLE RATE (MSPS)
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
Figure 28. Power Dissipation vs. Sample Rate (fS) (Default SPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com