Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9684 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9684 Datasheet HTML 45Page - Analog Devices AD9684 Datasheet HTML 46Page - Analog Devices AD9684 Datasheet HTML 47Page - Analog Devices AD9684 Datasheet HTML 48Page - Analog Devices AD9684 Datasheet HTML 49Page - Analog Devices AD9684 Datasheet HTML 50Page - Analog Devices AD9684 Datasheet HTML 51Page - Analog Devices AD9684 Datasheet HTML 52Page - Analog Devices AD9684 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 49 of 64
SYNC± SETUP AND HOLD WINDOW MONITOR
To assist in ensuring a valid SYNC± capture, the AD9684 has a
SYNC± setup and hold window monitor. This feature allows the
system designer to determine the location of the SYNC± signals
relative to the CLK± signals by reading back the amount of setup
and hold margin on the interface through the memory map.
Figure 68 and Figure 69 show the setup and hold status values for
different phases of SYNC±.
The setup detector returns the status of the SYNC± signal before
the CLK± edge and the hold detector returns the status of the
SYNC± signal after the CLK± edge. Register 0x128 stores the
status of SYNC± and alerts the user if the SYNC± signal is
captured by the ADC.
VALID
REG 0x128[3:0]
CLK±
INPUT
SYNC±
INPUT
FLIP FLOP
HOLD (MIN)
FLIP FLOP
HOLD (MIN)
FLIP FLOP
SETUP (MIN)
–1
–2
–3
–4
–5
–6
–7
–8
7
6
5
4
3
2
1
0
Figure 68. SYNC Setup Detector
CLK±
INPUT
SYNC±
INPUT
VALID
REG 0x128[7:4]
FLIP FLOP
HOLD (MIN)
FLIP FLOP
HOLD (MIN)
FLIP FLOP
SETUP (MIN)
–1
–2
–3
–4
–5
–6
–7
–8
7
6
5
4
3
2
1
0
Figure 69. SYNC± Hold Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com