Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9684 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9684 Datasheet HTML 56Page - Analog Devices AD9684 Datasheet HTML 57Page - Analog Devices AD9684 Datasheet HTML 58Page - Analog Devices AD9684 Datasheet HTML 59Page - Analog Devices AD9684 Datasheet HTML 60Page - Analog Devices AD9684 Datasheet HTML 61Page - Analog Devices AD9684 Datasheet HTML 62Page - Analog Devices AD9684 Datasheet HTML 63Page - Analog Devices AD9684 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 63 of 64
APPLICATIONS INFORMATION
POWER SUPPLY RECOMMENDATIONS
The AD9684 must be powered by the following six supplies:
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, DVDD =
1.25 V, DRVDD = 1.25 V, and SPIVDD = 1.8 V. For applications
requiring an optimal high power efficiency and low noise
performance, it is recommended that the ADP2164 and ADP2370
switching regulators be used to convert the 3.3 V, 5.0 V, or 12 V
input rails to an intermediate rail (1.8 V and 3.8 V). These
intermediate rails are then postregulated by very low noise, low
dropout (LDO) regulators (ADP1741, ADP1740, and ADP125).
Figure 70 shows the recommended power supply scheme for
the AD9684.
ADP125
LDO
ADP2370
BUCK
REGULATOR
3.3V: AVDD3
ADP1741
LDO
1.25V: DVDD
ADP1740
LDO
1.25V: DRVDD
ADP1741
LDO
ADP2164
BUCK
REGULATOR
1.25V: AVDD1
ADP125
LDO
1.8V: SPIVDD
ADP1741
LDO
2.5V: AVDD2
3.3V
INPUT
5V/12V
INPUT
1.8V
3.8V
Figure 70. High Efficiency, Low Noise Power Solution for the AD9684
It is not necessary to split all of these power domains in all
cases. The recommended solution shown in Figure 70 provides
the lowest noise, highest efficiency power delivery system for
the AD9684. If only one 1.25 V supply is available, route to
AVDD1 first and then tap it off and isolate it with a ferrite bead
or a filter choke, preceded by decoupling capacitors for
SPIVDD, DVDD, and DRVDD, in that order. The user can
employ several different decoupling capacitors to cover both
high and low frequencies. These capacitors must be located
close to the point of entry at the PCB level and close to the
devices, with minimal trace lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com