Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB986 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB986
Description  Good Linearity of hFE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB986 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB986 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB986 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc & iscsemi is registered trademark
isc Silicon PNP Power Transistor
2SB986
DESCRIPTION
·High Collector Current-IC= -4.0A
·Low Saturation Voltage -
: VCE(sat)= -0.5V(Max)@ IC= -2A, IB= -0.1A
·Good Linearity of hFE
·Complement to Type 2SD1348
APPLICATIONS
·Designed for power supplies, relay drivers, lamp drivers,
electrical equipment applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current-Continuous
-4
A
ICP
Collector Current-Pulse
-6
A
PC
Collector Power Dissipation
@ Ta=25℃
1.2
W
Collector Power Dissipation
@ TC=25℃
10
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SB986

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB986 SANYO-2SB986 Datasheet
111Kb / 3P
50V/4A Switching Applications
More results

Similar Description - 2SB986

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3182 ISC-2SC3182 Datasheet
210Kb / 2P
Good Linearity of hFE
2SC3180 ISC-2SC3180 Datasheet
209Kb / 2P
Good Linearity of hFE
2SC3422 ISC-2SC3422 Datasheet
184Kb / 2P
Good Linearity of hFE
2SB981 ISC-2SB981 Datasheet
99Kb / 2P
Good Linearity of hFE
2SB813 ISC-2SB813 Datasheet
96Kb / 2P
Good Linearity of hFE
2SC3834Y ISC-2SC3834Y Datasheet
593Kb / 3P
Good Linearity of hFE
2SC3747 ISC-2SC3747 Datasheet
184Kb / 2P
Good Linearity of hFE
2SD1269 ISC-2SD1269 Datasheet
140Kb / 2P
Good Linearity of hFE
2SD1475 ISC-2SD1475 Datasheet
139Kb / 2P
Good Linearity of hFE
2SD858 ISC-2SD858 Datasheet
135Kb / 2P
Good Linearity of hFE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com