Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF775 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BF775
Description  Low Noise Figure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BF775 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BF775 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BF775 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN RF Transistor
BF775
DESCRIPTION
·
Low Noise Figure
NF = 1.8 dB TYP. @VCE = 6 V, IC = 2 mA, f = 900 MHz
·
High Gain
︱
S21e︱2 = 12.5 dB TYP. @VCE= 8 V,IC = 15 mA,f = 900 MHz
APPLICATIONS
·
Designed for use in TV-sat and UHF tuners.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCES
Collector-Emitter Voltage
20
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
2.5
V
IC
Collector Current-Continuous
30
mA
IB
Base Current-Continuous
4
mA
PC
Collector Power Dissipation
@TC=25℃
0.28
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃


Similar Part No. - BF775

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF775 SIEMENS-BF775 Datasheet
19Kb / 3P
NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
logo
Infineon Technologies A...
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
logo
New Jersey Semi-Conduct...
BF775 NJSEMI-BF775 Datasheet
71Kb / 2P
Silicon NPN RF Transistor
logo
Infineon Technologies A...
BF775 INFINEON-BF775 Datasheet
54Kb / 5P
NPN Silicon RF Transistor
2007-04-20
logo
Siemens Semiconductor G...
BF775A SIEMENS-BF775A Datasheet
19Kb / 3P
NPN Silicon RF Transistor (Especially suitable for amplifiers and TV-sat tuners)
More results

Similar Description - BF775

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
Low Noise Figure
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
Low Noise Figure
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1322 AVAGO-ALM-1322 Datasheet
783Kb / 10P
Very Low noise figure
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
Low noise figure
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com