Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC005 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC005
Description  ITU-T G.703 Cable Driver with Adjustable Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC005 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC005 Datasheet HTML 1Page - National Semiconductor (TI) CLC005 Datasheet HTML 2Page - National Semiconductor (TI) CLC005 Datasheet HTML 3Page - National Semiconductor (TI) CLC005 Datasheet HTML 4Page - National Semiconductor (TI) CLC005 Datasheet HTML 5Page - National Semiconductor (TI) CLC005 Datasheet HTML 6Page - National Semiconductor (TI) CLC005 Datasheet HTML 7Page - National Semiconductor (TI) CLC005 Datasheet HTML 8Page - National Semiconductor (TI) CLC005 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6V
Output Current
30 mA
Maximum Junction Temperature
+125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering 10 seconds)
+300˚C
ESD Rating (Human Body Model)
1000V
Package Thermal Resistance
θ
JA Surface Mount AJE
125˚C/W
θ
JC Surface Mount AJE
105˚C/W
Reliability Information
Transistor count
72
MTTF
254 Mhr
Recommended Operating
Conditions
Supply Voltage Range (V
CC–VEE)
+4.5V to +5.5V
Electrical Characteristics (V
CC = 0V, VEE = −5V; unless otherwise specified).
Parameter
Condition
Typ
+25˚C
Min/Max
+25˚C
Min/Max
0˚C to
+70˚C
Min/Max
-40˚C to
+85˚C
Units
STATIC DC PERFORMANCE
Supply Current, Loaded
150
Ω @ 270 Mbps
(Notes 5, 7)
37
-
-
-
mA
Supply Current, Unloaded
(Note 3)
34
28/37
26/39
26/39
mA
Output HIGH Voltage (V
OH )
(Note 3)
−1.7
−2.0/1.4
−2.0/1.4
−2.0/1.4
V
Output LOW Voltage (V
OL )
(Note 3)
−3.7
−4.0/3.4
−4.0/3.4
−4.0/3.4
V
Input Bias Current
(Note 4)
10
30
50
50
µA
Output Swing
R
EXT = ∞ (Note 3)
2.0
1.86/2.14
1.86/2.14
1.86/2.14
V
Output Swing
R
EXT =10kΩ (Note 5)
1.30
-
-
-
V
Common Mode Input Range Upper Limit
−0.7
−0.8
−0.8
−0.8
V
Common Mode Input Range Lower Limit
−2.6
−2.5
−2.5
–2.5
V
Minimum Differential Input Swing (Note 5)
200
200
200
200
mV
Power Supply Rejection Ratio (Note 3)
26
20
20
20
dB
AC PERFORMANCE
Output Rise and Fall Time
(Notes 3, 6, 7)
650
425/825
400/850
400/850
ps
Overshoot
(Note 5)
5
%
Propagation Delay
(Note 5)
1.0
ns
Duty Cycle Distortion
(Note 5)
50
ps
Residual Jitter
(Note 5)
25
-
-
-
ps
pp
MISCELLANEOUS PERFORMANCE
Input Capacitance
(Note 5)
1.0
pF
Output Resistance
(Note 5)
10
Ω
Output Inductance
(Note 5)
6
nH
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined
from tested parameters.
Note 3: Spec is 100% tested at +25˚C, sample tested at +85˚C.
Note 4: Spec is 100% tested at +35˚C at wafer probe.
Note 5: Spec is guaranteed by design.
Note 6: Measured between the 20% and 80% levels of the waveform.
Note 7: Measured with both outputs driving 150
Ω, AC coupled at 270 Mbps.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com