Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC005 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC005
Description  ITU-T G.703 Cable Driver with Adjustable Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC005 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC005 Datasheet HTML 1Page - National Semiconductor (TI) CLC005 Datasheet HTML 2Page - National Semiconductor (TI) CLC005 Datasheet HTML 3Page - National Semiconductor (TI) CLC005 Datasheet HTML 4Page - National Semiconductor (TI) CLC005 Datasheet HTML 5Page - National Semiconductor (TI) CLC005 Datasheet HTML 6Page - National Semiconductor (TI) CLC005 Datasheet HTML 7Page - National Semiconductor (TI) CLC005 Datasheet HTML 8Page - National Semiconductor (TI) CLC005 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Operation (Continued)
OUTPUT INTERFACING
The CLC005’s class AB output stage,
Figure 6, requires no
standing current in the output transistors and therefore re-
quires no biasing or pull-down resistors. Advantages of this
arrangement are lower power dissipation and fewer external
components. The output may be either D.C. or A.C. coupled
to the load. A bandgap voltage reference sets output voltage
levels which are compatible with F100K and 10K ECL when
correctly terminated. The outputs do not have the same out-
put voltage temperature coefficient as 10K. Therefore, noise
margins will be reduced over the full temperature range
when driving 10K ECL. Noise margins will not be affected
when interfacing to F100K since F100K is fully voltage and
temperature compensated.
DS100144-6
FIGURE 3. DC Coupled Input
DS100144-7
FIGURE 4. Single Ended 50
Ω ECL Input
DS100144-8
FIGURE 5. Differential 50
Ω ECL Input
DS100144-9
FIGURE 6. Output Stage
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com