Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC005 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC005
Description  ITU-T G.703 Cable Driver with Adjustable Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC005 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC005 Datasheet HTML 1Page - National Semiconductor (TI) CLC005 Datasheet HTML 2Page - National Semiconductor (TI) CLC005 Datasheet HTML 3Page - National Semiconductor (TI) CLC005 Datasheet HTML 4Page - National Semiconductor (TI) CLC005 Datasheet HTML 5Page - National Semiconductor (TI) CLC005 Datasheet HTML 6Page - National Semiconductor (TI) CLC005 Datasheet HTML 7Page - National Semiconductor (TI) CLC005 Datasheet HTML 8Page - National Semiconductor (TI) CLC005 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CLC005
ITU-T G.703 Cable Driver with Adjustable Outputs
General Description
National’s Comlinear CLC005 is a monolithic, high-speed
cable driver designed for the ITU-T G.703 serial digital data
transmission standard. The CLC005 drives 75
Ω transmis-
sion lines (Belden 8281 or equivalent) at data rates from DC
to over 622 Mbps. Output signal waveforms produced by the
CLC005 comply with G.703 specifications. Controlled output
rise and fall times (650 ps typical) minimize transition-
induced jitter. The output voltage swing, typically 2.0V, set by
an accurate, low-drift internal bandgap reference, delivers a
1.0V swing to back-matched and terminated 75
Ω cable. Out-
put swing is adjustable from 0.7 V
p-p to 2.2 Vp-p using exter-
nal resistors.
The CLC005’s class AB output stage consumes less power
than other designs, 185 mW with both outputs terminated,
and requires no external bias resistors. The differential in-
puts accept a wide range of digital signals from 200 mV
p-p to
G.703 levels within the specified common-mode limits. All
this make the CLC005 an excellent general purpose high
speed driver for digital applications.
The CLC005 is powered from a single +5V or −5.2V supply
and comes in an 8-pin SOIC package.
Key Specifications
n 650 ps rise and fall times
n Data rates to 622 Mbps
n 200 mV differential input
n Low residual jitter (25 pspp )
Features
n No external pull-down resistors
n Adjustable output amplitude
n Differential input and output
n Low power dissipation
n Single +5V or −5.2V supply
Applications
n ITU-T G.703, Sonet/SDH, and ATM compatible driver
n Digital routers and distribution amplifiers
n Coaxial cable driver for digital transmission line
n Twisted pair driver
n Buffer applications
Typical Application
DS100144-2
August 1998
© 1998 National Semiconductor Corporation
DS100144
www.national.com


Similar Part No. - CLC005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001 TI-CLC001 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI2-CLC001 Datasheet
603Kb / 13P
CLC001 Serial Digital Cable Driver with Adjustable Outputs
February 2006
More results

Similar Description - CLC005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC012 NSC-CLC012 Datasheet
567Kb / 18P
Adaptive Cable Equalizer for ITU-T G.703 Data Recovery
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
ITU-T G.721 ADPCM TRANSCODER
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC012 NSC-CLC012_03 Datasheet
575Kb / 16P
Adaptive Cable Equalizer for ITU-T G.703 Data Recovery
logo
Gennum Corporation
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com