Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC005 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC005
Description  ITU-T G.703 Cable Driver with Adjustable Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC005 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC005 Datasheet HTML 1Page - National Semiconductor (TI) CLC005 Datasheet HTML 2Page - National Semiconductor (TI) CLC005 Datasheet HTML 3Page - National Semiconductor (TI) CLC005 Datasheet HTML 4Page - National Semiconductor (TI) CLC005 Datasheet HTML 5Page - National Semiconductor (TI) CLC005 Datasheet HTML 6Page - National Semiconductor (TI) CLC005 Datasheet HTML 7Page - National Semiconductor (TI) CLC005 Datasheet HTML 8Page - National Semiconductor (TI) CLC005 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Operation
INPUT INTERFACING
The CLC005 has high impedance, emitter-follower buffered,
differential inputs. Single-ended signals may also be input.
Transmission lines supplying input signals must be properly
terminated close to the CLC005. Either A.C. or D.C. coupling
as in
Figure 2 or Figure 3 may be used. Figures 2, 4 and Fig-
ure 5 show how Thevenin-equivalent resistor networks are
used to provide input termination and biasing. The input D.C.
common-mode voltage range is 0.8V to 2.5V below the posi-
tive power supply (V
CC). Input signals plus bias should be
kept within the specified common-mode range. For an 800
mV
P-P input signal, typical input bias levels range from 1.2V
to 2.1V below the positive supply.
Load Type
Resistor to V
CC (R1)
Resistor to V
EE (R2)
ECL, 50
Ω, 5V, V
T=2V
82.5
Ω
124
Ω
ECL, 50
Ω, 5.2V, V
T=2V
80.6
Ω
133
Ω
ECL, 75
Ω, 5V, V
T=2V
124
Ω
187
Ω
ECL, 75
Ω, 5.2V, V
T=2V
121
Ω
196
Ω
800mV
P-P,50Ω, 5V, VT=1.6V
75.0
Ω
154
Ω
800mV
P-P,75Ω, 5V, VT=1.6V
110
Ω
232
Ω
800mV
P-P, 2.2KΩ, 5V, VT=1.6V
3240
Ω
6810
Ω
DS100144-4
FIGURE 1. Input Stage
DS100144-5
FIGURE 2. AC Coupled Input
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com