Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC012 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC012
Description  Adaptive Cable Equalizer for ITU-T G.703 Data Recovery
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC012 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC012 Datasheet HTML 5Page - National Semiconductor (TI) CLC012 Datasheet HTML 6Page - National Semiconductor (TI) CLC012 Datasheet HTML 7Page - National Semiconductor (TI) CLC012 Datasheet HTML 8Page - National Semiconductor (TI) CLC012 Datasheet HTML 9Page - National Semiconductor (TI) CLC012 Datasheet HTML 10Page - National Semiconductor (TI) CLC012 Datasheet HTML 11Page - National Semiconductor (TI) CLC012 Datasheet HTML 12Page - National Semiconductor (TI) CLC012 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Input Interfacing
The CLC012 accepts either differential or single-ended input
voltage specified in
Static Performance. The following sec-
tions show several suggestions for interfaces for the inputs
and outputs of the CLC012.
SINGLE-ENDED INPUT INTERFACE: 75
Ω Coaxial Cable
The input is connected single-ended to either DI or DI as
shown in
Figure 3. Balancing unused inputs helps to lessen
the effects of noise. Use the equivalent termination of 37.4
Ω
to balance the input impedance seen by each pin. It also
helps to terminate grounds at a common point. Resistors R
x
and R
y are recommended for optimum performance. The
equalizer inputs are self-biasing. Signals should be AC
coupled to the inputs as shown in
Figure 3.
DIFFERENTIAL INPUT INTERFACE: Twisted Pair
A recommended differential input interface is shown in
Fig-
ure 4. Proper voltage levels must be furnished to the input
pins and the proper cable terminating impedance must be
provided. For Category 5 UTP this is approximately 100
Ω.
Figure 4 shows a generalized network which may be used to
receive data over a twisted pair. Resistors R
1 and R2 provide
the proper terminating impedance and signal level adjust-
ment. The blocking capacitors provide AC coupling of the at-
tenuated signal levels. The plots in the
Typical Perfor-
mance
Characteristics
section
demonstrate
various
equalized data rates using Category 5 UTP at 100 meter
lengths. A full schematic of a recommended driver and re-
ceiver circuit for 100
Ω Category 5 UTP is provided in the
Typical Applications section with further explanation.
Output Interfacing
The outputs DO and DO produce ECL logic levels when the
recommended output termination networks are used. The
DO and DO pins are
not complementary emitter coupled
logic outputs. Instead, the outputs are taken off of the collec-
tors of the transistors. Therefore, care must be taken to meet
the interface threshold levels required by ECL families. Rec-
ommended interfaces for standard ECL families are shown
in the following circuits.
DIFFERENTIAL LOAD-TERMINATED OUTPUT
INTERFACE
Figure 5 shows a recommended circuit for implementing a
differential output that is terminated at the load. A diode or
75
Ω resistor provides a voltage drop from the positive supply
(+5V for PECL or Ground for ECL operation) to establish
proper ECL levels. The resistors terminate the cable to the
characteristic impedance. The output voltage swing is deter-
mined by the CLC012 output current (10 mA) times the ter-
mination resistor. For the circuit in
Figure 5, the nominal out-
put voltage swing is 750 mV.
DIFFERENTIAL SOURCE-TERMINATED OUTPUT
INTERFACE
Figure 6 is similar to Figure 5 except that the termination is
provided at the source. This configuration may also be used
for single-ended applications. However, the unused output
must still be terminated as shown.
DS100145-22
FIGURE 3. Single-Ended 75
Ω Cable Input Interface
DS100145-24
FIGURE 4. Twisted Pair Input Interface
DS100145-25
FIGURE 5. Differential Load Terminated
Output Interface
DS100145-26
FIGURE 6. Differential Source Terminated
Output Interface
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com