Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC012 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC012
Description  Adaptive Cable Equalizer for ITU-T G.703 Data Recovery
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC012 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC012 Datasheet HTML 7Page - National Semiconductor (TI) CLC012 Datasheet HTML 8Page - National Semiconductor (TI) CLC012 Datasheet HTML 9Page - National Semiconductor (TI) CLC012 Datasheet HTML 10Page - National Semiconductor (TI) CLC012 Datasheet HTML 11Page - National Semiconductor (TI) CLC012 Datasheet HTML 12Page - National Semiconductor (TI) CLC012 Datasheet HTML 13Page - National Semiconductor (TI) CLC012 Datasheet HTML 14Page - National Semiconductor (TI) CLC012 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Layout and Measurement (Continued)
Troubleshooting with scope probes can affect the equaliza-
tion. For high data rates, use a
low capacitance probe with
less than 2 pF probe capacitance. Evaluation boards and lit-
erature are available for quick prototyping and evaluation of
the CLC012 Adaptive Cable Equalizer. The CLC012 con-
tains CMOS devices and operators should
use grounding
straps when handling the parts.
Figure 9 shows the CLC012’s internal power supply routing.
Bypass V
CC (pin 4) by:
•
Monolithic capacitor of about 0.1 µF placed less than 0.1”
(3mm) from the pin
•
Tantalum capacitor of about 6.8 µF for large current sig-
nal swings placed as close as convenient to the CLC012
To minimize ringing at the CLC012’s inputs, place a 100
Ω re-
sistor in series with the input. This resistor reduces induc-
tance effects.
Several layout techniques can improve high speed perfor-
mance:
•
Keep input, output and AEC traces well separated
•
Use balanced input termination’s
•
Avoid routing traces close to the CLC012’s input trace
•
Maintain common return points for components
•
Use guard traces
The input lines of the CLC012 use a 100
Ω series resistors at
the input pins. This decreases the inductive effects internal
to the part to reduce ringing on fast rise and fall times. Refer
to the evaluation board layout for further suggestions on lay-
out for the CLC012 Adaptive Equalizer.
EQUALIZATION CURVE
The CLC012 Adaptive Cable Equalizer has a maximum
equalization response as shown in
Figure 10. This response
may be obtained by forcing >0.5V differentially at the AEC
pins.
CABLE EMULATION BOXES
Some cable emulation boxes will not mimic cables correctly.
When evaluating the CLC012, it is strongly recommended
that actual cable be used to determine the various perfor-
mance parameters.
Typical Applications
COAXIAL CABLE RECEIVER (Page 1)
The CLC012 equalizer application shown on page 1 will
equalize a variety of coaxial cables up to lengths that attenu-
ate the signal by 40 dB at 200 MHz. The application shows
the proper connection for a single cable driven with a
DS100145-28
FIGURE 8. Typical Measurement Block
DS100145-29
FIGURE 9. Power Package Routing Fixture
DS100145-30
FIGURE 10. Maximum Equalization Response
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com