Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC012 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC012
Description  Adaptive Cable Equalizer for ITU-T G.703 Data Recovery
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC012 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CLC012 Datasheet HTML 9Page - National Semiconductor (TI) CLC012 Datasheet HTML 10Page - National Semiconductor (TI) CLC012 Datasheet HTML 11Page - National Semiconductor (TI) CLC012 Datasheet HTML 12Page - National Semiconductor (TI) CLC012 Datasheet HTML 13Page - National Semiconductor (TI) CLC012 Datasheet HTML 14Page - National Semiconductor (TI) CLC012 Datasheet HTML 15Page - National Semiconductor (TI) CLC012 Datasheet HTML 16Page - National Semiconductor (TI) CLC012 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Typical Applications (Continued)
is found in the
Typical Performance Characteristics sec-
tion for Belden 8281, and can be scaled as stated above to
estimate maximum cable lengths and data rates for UTP.
Category 5 UTP has a characteristic impedance of approxi-
mately 100
Ω. The CLC005 in Figure 13 is used to drive the
twisted pair AC-coupled with a series 0.1 µF capacitor and a
50
Ω resistor in each differential output. The CLC012 Adap-
tive Equalizer requires 800 mV
pp from the transmit side of
the cable. A voltage divider is necessary to scale the voltage
to the required level at the input of the CLC012. This resistor
network also provides the correct impedance match for
twisted pair.
For Category 5 UTP, the approximate AEC voltage per
length is 3.75 mV/m (see
Block Description ). The CLC005
provides a trim adjust for fine tuning the output signal with
the resistor R. Refer to the CLC005 datasheet for tuning
directions.
DS100145-33
FIGURE 13. Twisted Pair Equalization
DS100145-34
FIGURE 14. Before and After Equalization at 622 Mbps Through 50 Meters of Category 5 UTP
DS100145-35
FIGURE 15. Typical Measurement Setup
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com