Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC012 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC012
Description  Adaptive Cable Equalizer for ITU-T G.703 Data Recovery
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC012 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC012 Datasheet HTML 1Page - National Semiconductor (TI) CLC012 Datasheet HTML 2Page - National Semiconductor (TI) CLC012 Datasheet HTML 3Page - National Semiconductor (TI) CLC012 Datasheet HTML 4Page - National Semiconductor (TI) CLC012 Datasheet HTML 5Page - National Semiconductor (TI) CLC012 Datasheet HTML 6Page - National Semiconductor (TI) CLC012 Datasheet HTML 7Page - National Semiconductor (TI) CLC012 Datasheet HTML 8Page - National Semiconductor (TI) CLC012 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CLC012
Adaptive Cable Equalizer for ITU-T G.703 Data Recovery
General Description
National’s CLC012 adaptive cable equalizer is a low-cost
monolithic solution for equalizing data transmitted over cable
(or any media with similar dispersive loss characteristics).
The CLC012 simplifies the task of high-speed data recovery
with a one-chip solution and a minimal number of external
components. The equalizer automatically adapts to equalize
any cable length from zero meters to lengths that attenuate
the signal by 40 dB at 200 MHz. This corresponds to 300
meters of Belden 8281 or 120 meters of Category 5 UTP
(unshielded twisted pair).
The CLC012 provides superior jitter performance: 180ps
pp
for 270 Mbps data that has passed through 200 meters of
Belden 8281 cable. This exceptional performance provides
wide error margin in digital data links. The equalizer operates
on a single supply with a power consumption of only 290
mW. The small 14-pin SOIC package allows for high-density
placement of components for multi-channel applications
such as routers. The equalizer operates over a wide range of
data rates from less than 50 Mbps to rates in excess of 650
Mbps.
The equalizer is flexible in allowing either single-ended or
differential input drive. Its high common mode rejection pro-
vides excellent immunity to interference from noise sources.
On-chip quantized feedback eliminates baseline wander.
Additional features include a Loss of Signal output and an
output mute pin which, when tied together, mute the output
when no signal is present. A buffered eye monitor output is
provided, for viewing the equalized signal prior to the com-
parator. Differential AEC pins allow the user to set the inter-
nal adaptive loop time constant with one external capacitor.
Features
n Automatic equalization of coaxial and twisted pair cables
n Loss of Signal detect and output mute
n Output eye monitor
n Single supply operation: +5V or −5.2V
n Single-ended or differential input
n Low cost
Applications
n ITU-T G.703 serial data recovery
n Serial digital data routing and distribution
n Serial digital data equalization and reception
n Data recovery equalization: ATM, CAD networks,
medical, set top terminals, industrial video networks
Key Specifications
n Low jitter: 180pspp @ 270 Mbps through 200 meters of
Belden 8281 coaxial cable
n High data rates: < 50 Mbps to > 650 Mbps
n Excellent input return loss: 19 dB @ 270 MHz
n Low supply current: 68 mA
n Equalizes up to 300+ meters of Belden 8281 or 120
meters of Cat 5 UTP cable
Typical Application
DS100145-4
August 1998
© 1998 National Semiconductor Corporation
DS100145
www.national.com


Similar Part No. - CLC012

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC012 NSC-CLC012_03 Datasheet
575Kb / 16P
Adaptive Cable Equalizer for ITU-T G.703 Data Recovery
More results

Similar Description - CLC012

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC005 NSC-CLC005 Datasheet
333Kb / 12P
ITU-T G.703 Cable Driver with Adjustable Outputs
CLC014 NSC-CLC014 Datasheet
521Kb / 18P
Adaptive Cable Equalizer for High-Speed Data Recovery
CLC012 NSC-CLC012_03 Datasheet
575Kb / 16P
Adaptive Cable Equalizer for ITU-T G.703 Data Recovery
CLC014 NSC-CLC014_03 Datasheet
504Kb / 17P
Adaptive Cable Equalizer for High-Speed Data Recovery
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com