Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC018 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC018
Description  8 x 8 Digital Crosspoint Switch, 1.4 Gbps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC018 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC018 Datasheet HTML 1Page - National Semiconductor (TI) CLC018 Datasheet HTML 2Page - National Semiconductor (TI) CLC018 Datasheet HTML 3Page - National Semiconductor (TI) CLC018 Datasheet HTML 4Page - National Semiconductor (TI) CLC018 Datasheet HTML 5Page - National Semiconductor (TI) CLC018 Datasheet HTML 6Page - National Semiconductor (TI) CLC018 Datasheet HTML 7Page - National Semiconductor (TI) CLC018 Datasheet HTML 8Page - National Semiconductor (TI) CLC018 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Electrical Characteristics (Continued)
(V
CC = 0V, VEE = −5V, VLL = 0V; unless otherwise specified) (Note 4).
Parameter
Conditions
Typ
+25˚C
Min/Max
+25˚C
Min/Max
−40˚C to
+85˚C
Units
Signal I/O:
Output Voltage Swing
R
LOAD =75Ω
800
640/960
540/1060
mV
Output Voltage Range Lower Limit
−2.5
V
Output Voltage Range Upper Limit
0
V
Control Inputs:
Input Voltage - HIGH
V
IH min
(Note 3)
−1
−0.5
−0.5
V
Input Voltage - LOW
V
IL max
(Note 3)
−4
−4.5
−4.5
V
Input Voltage - HIGH
V
IH min
V
LL = +5V (Note 3)
4
4.5
4.5
V
Input Voltage - LOW
V
IL max
V
LL = +5V (Note 3)
1
0.5
0.5
V
Input Current - HIGH
V
IH =VLL (Note 3)
1
0.2/2.0
0.1/2.5
µA
Input Current - LOW
V
IL =VLL −5V (Note 3)
−100
−200/10
−250/15
µA
MISCELLANEOUS PERFORMANCE
V
CC Supply Current
All Outputs Active
(Notes 3, 13, 14)
157
127/202
119/217
mA
V
CC Supply Current
All Outputs TRI-STATE
(Note 3)
7
3/11
2/12
mA
V
LL Supply Current
V
LL = 0V (Note 3)
2.5
1.7/3.3
1.5/3.5
mA
V
LL Supply Current
V
LL = +5V (Note 3)
7
mA
Input Capacitance
1.5
pF
Output Capacitance
2
pF
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined
from tested parameters.
Note 3: J-level spec. is 100% tested at +25˚C.
Note 4: VLL and all VEE supply pins are bypassed with 0.01 µF ceramic capacitor.
Note 5: Bit error rate less than 10−9 over 50% of the bit cell interval.
Note 6: Measured using a pseudo-random (223−1 pattern) binary sequence with all other channels active with an uncorrelated signal.
Note 7: Spread in propagation delays for all input/output combinations.
Note 8: Measured between the 20% and 80% levels of the waveform.
Note 9: Difference in propagation delay for output low-to-high vs. output high-to-low transition.
Note 10: Refer to the
Configuration Timing Diagram.
Note 11: Refer to the
Reset Timing Diagram.
Note 12: The bias current for high speed data input depends on the number of data outputs that are selecting that input.
Note 13: The VCC supply current is a function of the number of active data outputs. IVCC 18*N+7mA where N is an integer from 0 to 8.
Note 14: IVEE =IVCC +IVLL.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com