Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC018 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC018
Description  8 x 8 Digital Crosspoint Switch, 1.4 Gbps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC018 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC018 Datasheet HTML 6Page - National Semiconductor (TI) CLC018 Datasheet HTML 7Page - National Semiconductor (TI) CLC018 Datasheet HTML 8Page - National Semiconductor (TI) CLC018 Datasheet HTML 9Page - National Semiconductor (TI) CLC018 Datasheet HTML 10Page - National Semiconductor (TI) CLC018 Datasheet HTML 11Page - National Semiconductor (TI) CLC018 Datasheet HTML 12Page - National Semiconductor (TI) CLC018 Datasheet HTML 13Page - National Semiconductor (TI) CLC018 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Operation (Continued)
TABLE 1. Interfacing of the Power Supplies and Bypass Capacitors
Supply Operation
Single −5V
Single +5V
Dual ±5V
I/O Data Level
ECL
PECL
ECL
Control Signal Low/High
−5V/GND
GND/+5V
GND/+5V
Connection
Key Information
1. Bypass each V
EE supply
with a 0.01 µF capacitor.
2. Connect V
CC and VLL to
the ground plane.
3. A power plane isn’t re-
quired for V
EE but can
be used.
1. Bypass each V
CC
supply
with a 0.01 µF capacitor.
2. Bypass the V
LL supply with
a 0.01 µF.
3. Connect V
EE to the ground
plane.
4. Use a +5V power plane for
V
CC.
1. Bypass each V
EE supply
with a 0.01 µF capacitor.
2. Bypass the V
LL
supply
with a 0.01 µF.
3. Connect
V
CC
to
the
ground plane.
4. A power plane isn’t re-
quired for +5V (V
LL)or
−5V (V
EE)
supplies. but
can be used.
EXPANDING THE NUMBER OF OUTPUT PORTS
To expand the number of output ports in a switch array, the
inputs of multiple CLC018s are connected in parallel. The
bus used to connect the input ports should be a controlled
impedance transmission line as shown in
Figure 10. To con-
trol the switch array, the IA, OA and TRI busses are all con-
nected in parallel and a decoder is used to assert high the
CS of the CLC018 that is to be addressed. This is also
shown in
Figure 10.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com