Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC018 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC018
Description  8 x 8 Digital Crosspoint Switch, 1.4 Gbps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC018 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC018 Datasheet HTML 4Page - National Semiconductor (TI) CLC018 Datasheet HTML 5Page - National Semiconductor (TI) CLC018 Datasheet HTML 6Page - National Semiconductor (TI) CLC018 Datasheet HTML 7Page - National Semiconductor (TI) CLC018 Datasheet HTML 8Page - National Semiconductor (TI) CLC018 Datasheet HTML 9Page - National Semiconductor (TI) CLC018 Datasheet HTML 10Page - National Semiconductor (TI) CLC018 Datasheet HTML 11Page - National Semiconductor (TI) CLC018 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Operation (Continued)
the range is best. For ECL signals this point is about 2 diode
drops below ground. It is possible to bias the unused input
with a low-pass filtered version of the data, as shown in
Fig-
ure 5. In some coding schemes there are pathological pat-
terns that result in long sequences with no data transitions.
During these patterns, the bias on the unused input will drift
towards the other input reducing the noise immunity which
makes this scheme undesirable. The most robust solution for
single ended inputs is to place a comparator with hysteresis
in front of the CLC018. Such a part is the MC10E1652. See
Figure 6 for an example of how to hook this up.
OUTPUT INTERFACING
The outputs of the CLC018 are differential, current source
outputs. They can be converted to ECL compatible levels
with the use of resistive loads as shown in
Figure 7. The out-
put swings will have a similar temperature coefficient to
10KECL if a 1N4148 diode is used to set V
OH. For most com-
mercial temperature range applications, a 75
Ω resistor can
be used as shown in
Figure 8. Many circuits with differential
inputs, such as the CLC016 Data Retimer With Automatic
Rate Selection, do not require true ECL levels, so the load
resistors can be connected directly to the positive rail as
shown in
Figure 9.
POWER SUPPLIES, GROUNDING AND BYPASSING
The CLC018 uses separate power supplies for control and
data circuitry. Data circuitry is supplied via V
CC and control
circuitry via V
LL. Supply connection VEE, the negative-most
supply, is the common return for both. Connection details for
the different powering modes is shown in
Table 1.
Internal and external capacitances, normal and parasitic,
must be charged and discharged with changes in output volt-
age. Charging current depends upon the size of these ca-
pacitances and the rate of change of voltage. At the fast tran-
sition times of the CLC016, small amounts of stray
capacitance at outputs can produce large output and supply
transient currents. Controlling transient currents requires
particular attention to minimizing stray capacitances and to
providing effective bypassing in the design. Good and effec-
tive bypassing consisting of 0.01 µF to 0.1 µF monolithic ce-
ramic and 4.7 µF to 10 µF, 35V tantalum capacitors. These
capacitors should be placed as close to power pins as prac-
tical and tightly connected to the power plane sandwich us-
ing multiple vias. Needless to say, multilayer board technol-
ogy should be employed for the CLC018 and similar high-
frequency-capability devices.
CONFIGURING THE SWITCH
The CLC018 can be configured so that any output may be in-
dependently connected to any input and any input be con-
nected to any or all outputs. Each output may be indepen-
dently enabled or placed in a high-impedance state.
Data controlling the switch matrix and output mode are
stored in two ranks of eight, 4-bit registers, one register per
output. The three most-significant bits in each register iden-
tify the input to be connected to that output. The least-
significant bit controls whether the output is active or
TRI-STATE. A particular register in the first rank, the LOAD
REGISTERS, is selected by a 3-bit word placed on the out-
DS100088-14
FIGURE 5. Single Ended Input to CLC018
DS100088-15
FIGURE 6. Single Ended Input to CLC018
DS100088-16
FIGURE 7. Generating 10k ECL Outputs
DS100088-17
FIGURE 8. Generating ECL Outputs
DS100088-18
FIGURE 9. Connecting the CLC018 to the CLC016
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com