Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC018 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC018
Description  8 x 8 Digital Crosspoint Switch, 1.4 Gbps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC018 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC018 Datasheet HTML 1Page - National Semiconductor (TI) CLC018 Datasheet HTML 2Page - National Semiconductor (TI) CLC018 Datasheet HTML 3Page - National Semiconductor (TI) CLC018 Datasheet HTML 4Page - National Semiconductor (TI) CLC018 Datasheet HTML 5Page - National Semiconductor (TI) CLC018 Datasheet HTML 6Page - National Semiconductor (TI) CLC018 Datasheet HTML 7Page - National Semiconductor (TI) CLC018 Datasheet HTML 8Page - National Semiconductor (TI) CLC018 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CLC018
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
General Description
National’s Comlinear CLC018 is a fully differential 8x8 digital
crosspoint switch capable of operating at data rates exceed-
ing 1.4 Gbps per channel. Its non-blocking architecture uti-
lizes eight independent 8:1 multiplexers to allow each output
to be independently connected to any input and any input to
be connected to any or all outputs. Additionally, each output
can be individually disabled and set to a high-impedance
state. This TRI-STATE® feature allows flexible expansion to
larger switch array sizes.
Low channel-to-channel crosstalk allows the CLC018 to pro-
vide superior all-hostile jitter of 50 ps
PP. This excellent signal
fidelity along with low power consumption of 850 mW make
the CLC018 ideal for digital video switching plus a variety of
data communication and telecommunication applications.
The fully differential signal path provides excellent noise im-
munity, and the I/Os support ECL and PECL logic levels. In
addition, the inputs may be driven single-ended or differen-
tially and accept a wide range of common mode levels in-
cluding the positive supply. Single +5V or −5V supplies or
dual +5V supplies are supported. Dual supply mode allows
the control signals to be referenced to the positive supply
(+5V) while the high-speed I/O remains ECL compatible.
The double row latch architecture utilized in the CLC018 al-
lows switch reprogramming to occur in the background dur-
ing operation. Activation of the new configuration occurs with
a single “configure” pulse. Data integrity and jitter perfor-
mance on unchanged outputs are maintained during recon-
figuration. Two reset modes are provided. Broadcast reset
results in all outputs being connected to input port DI0.
TRI-STATE Reset results in all outputs being disabled.
The CLC018 is fabricated on a high-performance BiCMOS
process and is available in a 64-lead plastic quad flat pack
(PQFP).
Features
n Fully differential signal path
n Non-Blocking
n Flexible expansion to larger array sizes with very low
power
n Single +5/−5V or dual ±5V operation
n TRI-STATE outputs
n Double row latch architecture
n 64-lead PQFP package
Applications
n Serial digital video routing (SMPTE 259M)
n Telecom/datacom switching
n ATM SONET
Key Specifications
n High speed: >1.4 Gbps
n Low jitter:
<50 ps
PP for rates <500 Mbps
<100 ps
PP for rates <1.4 Gbps
n Low power; 850 mW with all outputs active
n Fast output edge speeds: 250 ps
CLC018 Block Diagram
DS100088-2
DS100088-1
October 1998
© 1998 National Semiconductor Corporation
DS100088
www.national.com


Similar Part No. - CLC018

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
More results

Similar Description - CLC018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Analog Devices
AD8152 AD-AD8152 Datasheet
1Mb / 32P
34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
1/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
11.5 Gbps 8 x 8 Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
750 MHz, 8 x 8 Analog Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com