Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51RC2FA/01 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # P89C51RC2FA/01
Description  80C51 8-bit Flash microcontroller family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RC2FA/01 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button P89C51RC2FA/01 Datasheet HTML 39Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 40Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 41Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 42Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 43Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 44Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 45Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 46Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
Philips Semiconductors
Preliminary data
P89C51RA2/RB2/RC2/RD2xx
80C51 8-bit Flash microcontroller family
8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM
2002 Jul 18
43
ERAM
256 or 768 BYTES
UPPER
128 BYTES
INTERNAL RAM
LOWER
128 BYTES
INTERNAL RAM
SPECIAL
FUNCTION
REGISTER
100
FF
00
FF
00
80
80
EXTERNAL
DATA
MEMORY
FFFF
0000
SU01293
Figure 39. Internal and External Data Memory Address Space with EXTRAM = 0
HARDWARE WATCHDOG TIMER (ONE-TIME
ENABLED WITH RESET-OUT FOR
P89C51RA2/RB2/RC2/RD2xx)
The WDT is intended as a recovery method in situations where the
CPU may be subjected to software upset. The WDT consists of a
14-bit counter and the WatchDog Timer reset (WDTRST) SFR. The
WDT is disabled at reset. To enable the WDT, the user must write
01EH and 0E1H in sequence to the WDTRST, SFR location 0A6H.
When the WDT is enabled, it will increment every machine cycle
while the oscillator is running and there is no way to disable the
WDT except through reset (either hardware reset or WDT overflow
reset). When the WDT overflows, it will drive an output reset HIGH
pulse at the RST-pin (see the note below).
Using the WDT
To enable the WDT, the user must write 01EH and 0E1H in sequence
to the WDTRST, SFR location 0A6H. When the WDT is enabled, the
user needs to service it by writing 01EH and 0E1H to WDTRST to
avoid a WDT overflow. The 14-bit counter overflows when it reaches
16383 (3FFFH) and this will reset the device. When the WDT is
enabled, it will increment every machine cycle while the oscillator is
running. This means the user must reset the WDT at least every
16383 machine cycles. To reset the WDT, the user must write 01EH
and 0E1H to WDTRST. WDTRST is a write only register. The WDT
counter cannot be read or written. When the WDT overflows, it will
generate an output RESET pulse at the reset pin (see note below).
The RESET pulse duration is 98
× TOSC (6-clock mode; 196 in
12-clock mode), where TOSC = 1/fOSC. To make the best use of the
WDT, it should be serviced in those sections of code that will
periodically be executed within the time required to prevent a WDT
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com