Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51RC2FA/01 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # P89C51RC2FA/01
Description  80C51 8-bit Flash microcontroller family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RC2FA/01 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button P89C51RC2FA/01 Datasheet HTML 54Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 55Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 56Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 57Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 58Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 59Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 60Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 61Page - NXP Semiconductors P89C51RC2FA/01 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
Philips Semiconductors
Preliminary data
P89C51RA2/RB2/RC2/RD2xx
80C51 8-bit Flash microcontroller family
8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM
2002 Jul 18
58
AC ELECTRICAL CHARACTERISTICS (6-CLOCK MODE)
Tamb = 0 °C to +70 °C or –40 °C to +85 °C; VCC = 5 V ± 10%, VSS = 0 V1, 2, 3
VARIABLE CLOCK4
20 MHz CLOCK4
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
42
Oscillator frequency
0
20
MHz
tLHLL
42
ALE pulse width
tCLCL–40
10
ns
tAVLL
42
Address valid to ALE low
0.5tCLCL–20
5
ns
tLLAX
42
Address hold after ALE low
0.5tCLCL–20
5
ns
tLLIV
42
ALE low to valid instruction in
2tCLCL–65
35
ns
tLLPL
42
ALE low to PSEN low
0.5tCLCL–20
5
ns
tPLPH
42
PSEN pulse width
1.5tCLCL–45
30
ns
tPLIV
42
PSEN low to valid instruction in
1.5tCLCL–60
15
ns
tPXIX
42
Input instruction hold after PSEN
0
0
ns
tPXIZ
42
Input instruction float after PSEN
0.5tCLCL–20
5
ns
tAVIV
42
Address to valid instruction in
2.5tCLCL–80
45
ns
tPLAZ
42
PSEN low to address float
10
10
ns
Data Memory
tRLRH
43, 44
RD pulse width
3tCLCL–100
50
ns
tWLWH
43, 44
WR pulse width
3tCLCL–100
50
ns
tRLDV
43, 44
RD low to valid data in
2.5tCLCL–90
35
ns
tRHDX
43, 44
Data hold after RD
0
0
ns
tRHDZ
43, 44
Data float after RD
tCLCL–20
5
ns
tLLDV
43, 44
ALE low to valid data in
4tCLCL–150
50
ns
tAVDV
43, 44
Address to valid data in
4.5tCLCL–165
60
ns
tLLWL
43, 44
ALE low to RD or WR low
1.5tCLCL–50
1.5tCLCL+50
25
125
ns
tAVWL
43, 44
Address valid to WR low or RD low
2tCLCL–75
25
ns
tQVWX
43, 44
Data valid to WR transition
0.5tCLCL–25
0
ns
tWHQX
43, 44
Data hold after WR
0.5tCLCL–20
5
ns
tQVWH
44
Data valid to WR high
3.5tCLCL–130
45
ns
tRLAZ
43, 44
RD low to address float
0
0
ns
tWHLH
43, 44
RD or WR high to ALE high
0.5tCLCL–20
0.5tCLCL+20
5
45
ns
External Clock
tCHCX
46
High time
20
tCLCL–tCLCX
ns
tCLCX
46
Low time
20
tCLCL–tCHCX
ns
tCLCH
46
Rise time
5
ns
tCHCL
46
Fall time
5
ns
Shift Register
tXLXL
45
Serial port clock cycle time
6tCLCL
300
ns
tQVXH
45
Output data setup to clock rising edge
5tCLCL–133
117
ns
tXHQX
45
Output data hold after clock rising edge
tCLCL–30
20
ns
tXHDX
45
Input data hold after clock rising edge
0
0
ns
tXHDV
45
Clock rising edge to input data valid
5tCLCL–133
117
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. Interfacing the microcontroller to devices with float times up to 45 ns is permitted. This limited bus contention will not cause damage to
Port 0 drivers.
4. Parts are tested to 2 MHz, but are guaranteed to operate down to 0 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com